Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR502 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9LPR502
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPR502 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9LPR502 Datasheet HTML 1Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 2Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 3Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 4Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 5Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 6Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 7Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 8Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ICS9LPR502
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator
1124D—02/26/09
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE
REGULATOR
1
Datasheet
Recommended Application:
Key Specifications:
CK505 compliant clock with fully integrated voltage
regulator, PCIe Gen 1 compliant
•
CPU outputs cycle-cycle jitter < 85ps
•
SRC output cycle-cycle jitter < 125ps
•
PCI outputs cycle-cycle jitter < 250ps
•
+/- 100ppm frequency accuracy on CPU & SRC
clocks
Pin Configuration
Output Features:
•
2 - CPU differential low power push-pull pairs
•
7 - SRC differential low power push-pull pairs
•
1 - CPU/SRC selectable differential low power push-pull
pair
•
1 - SRC/DOT selectable differential low power push-pull
pair
•
5 - PCI, 33MHz
•
1 - PCI_F, 33MHz free running
•
1 - USB, 48MHz
•
1 - REF, 14.318MHz
Features/Benefits:
•
Does not require external pass transistor for voltage
regulator
•
Supports spread spectrum modulation, default is 0.5%
down spread
•
Uses external 14.318MHz crystal, external crystal
load caps are required for frequency tuning
•
One differential push-pull pair selectable between
SRC and two single-ended outputs
Table 1: CPU Frequency Select Table
PCI0/CR#_A 1
56 SCLK
VDDPCI 2
55 SDATA
PCI1/CR#_B 3
54 REF0/FSLC/TEST_SEL
PCI2/TME 4
53 VDDREF
PCI3 5
52 X1
PCI4/SRC5_EN 6
51 X2
PCI_F5/ITP_EN 7
50 GNDREF
GNDPCI 8
49 FSLB/TEST_MODE
VDD48 9
48 CK_PWRGD/PD#
USB_48MHz/FSLA 10
47 VDDCPU
GND4811
46CPUT0
VDDI/O96Mhz 12
45 CPUC0
DOTT_96/SRCT0 13
44 GNDCPU
DOTC_96/SRCC0 14
43 CPUT1
GND 15
42 CPUC1
VDD 16
41 VDDI/OCPU
SRCT1/SE1 17
40 NC
SRCC1/SE218
39CPUT2_ITP/SRCT8
GND 19
38 CPUC2_ITP/SRCC8
VDDPLL3I/O 20
37 VDDSRCI/O
SRCT2/SATAT 21
36 SRCT7/CR#_F
SRCC2/SATAC 22
35 SRCC7/CR#_E
GNDSRC 23
34 GNDSRC
SRCT3/CR#_C 24
33 SRCT6
SRCC3/CR#_D 25
32 SRCC6
VDDSRCI/O 26
31 VDDSRC
SRCT4 27
30 PCI_STOP#/SRCT5
SRCC4 28
29 CPU_STOP#/SRCC5
56-SSOP/TSSOP
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
0
0
1
133.33
0
1
0
200.00
0
1
1
166.66
1
0
0
333.33
1
0
1
100.00
1
1
0
400.00
11
1
1. FS
LA and FSLB are low-threshold inputs.Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
Reserved
100.00
33.33
14.318
48.00
96.00


Similar Part No. - ICS9LPR502

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9LPR502 RENESAS-ICS9LPR502 Datasheet
442Kb / 30P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
logo
List of Unclassifed Man...
ICS9LPR502SGLFT ETC-ICS9LPR502SGLFT Datasheet
285Kb / 29P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
More results

Similar Description - ICS9LPR502

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9LPR501 ICST-ICS9LPR501 Datasheet
237Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501 Datasheet
236Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
ICS9LPR501 IDT-ICS9LPR501_09 Datasheet
229Kb / 21P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
ICS9LPRS502 IDT-ICS9LPRS502 Datasheet
285Kb / 29P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
ICS9LPRS365BGLF IDT-ICS9LPRS365BGLF Datasheet
481Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
9LPRS355BGLF IDT-9LPRS355BGLF Datasheet
64Kb / 1P
64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
logo
List of Unclassifed Man...
ICS9LPR502SGLFT ETC-ICS9LPR502SGLFT Datasheet
285Kb / 29P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
logo
Renesas Technology Corp
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
ICS9LPR502 RENESAS-ICS9LPR502 Datasheet
442Kb / 30P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
ICS9LPRS502 RENESAS-ICS9LPRS502 Datasheet
440Kb / 30P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com