Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR502 Datasheet (PDF) - Renesas Technology Corp

ICS9LPR502 Datasheet PDF - Renesas Technology Corp
Part # ICS9LPR502
Download  ICS9LPR502 Download
File Size   442.24 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR

ICS9LPR502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9LPR502 Datasheet PDF - Renesas Technology Corp

Part # ICS9LPR502
Download  ICS9LPR502 Click to download

File Size   442.24 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR

ICS9LPR502 Datasheet (HTML) - Renesas Technology Corp


ICS9LPR502 Product details

Recommended Application:
CK505 compliant clock with fully integrated voltage
regulator, PCIe Gen 1 compliant
Output Features:
• 2 - CPU differential low power push-pull pairs
• 7 - SRC differential low power push-pull pairs
• 1 - CPU/SRC selectable differential low power push-pull pair
• 1 - SRC/DOT selectable differential low power push-pull pair
• 5 - PCI, 33MHz
• 1 - PCI_F, 33MHz free running
• 1 - USB, 48MHz
• 1 - REF, 14.318MHz

Key Specifications:
• CPU outputs cycle-cycle jitter < 85ps
• SRC output cycle-cycle jitter < 125ps
• PCI outputs cycle-cycle jitter < 250ps
• +/- 100ppm frequency accuracy on CPU & SRC
clocks
Features/Benefits:
• Does not require external pass transistor for voltage
regulator
• Supports spread spectrum modulation, default is 0.5%
down spread
• Uses external 14.318MHz crystal, external crystal
load caps are required for frequency tuning
• One differential push-pull pair selectable between
SRC and two single-ended outputs




Similar Part No. - ICS9LPR502

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPR502 IDT-ICS9LPR502 Datasheet
287Kb / 29P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
ICS9LPR502SGLFT ETC-ICS9LPR502SGLFT Datasheet
285Kb / 29P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
More results


Similar Description - ICS9LPR502

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9LPR501 ICST-ICS9LPR501 Datasheet
237Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501 Datasheet
236Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
ICS9LPR501 IDT-ICS9LPR501_09 Datasheet
229Kb / 21P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
ICS9LPR502 IDT-ICS9LPR502 Datasheet
287Kb / 29P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
ICS9LPRS502 IDT-ICS9LPRS502 Datasheet
285Kb / 29P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
ICS9LPRS365BGLF IDT-ICS9LPRS365BGLF Datasheet
481Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
9LPRS355BGLF IDT-9LPRS355BGLF Datasheet
64Kb / 1P
64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
logo
List of Unclassifed Man...
ICS9LPR502SGLFT ETC-ICS9LPR502SGLFT Datasheet
285Kb / 29P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
logo
Renesas Technology Corp
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
ICS9LPRS502 RENESAS-ICS9LPRS502 Datasheet
440Kb / 30P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com