Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR502 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9LPR502
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPR502 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9LPR502 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 9Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator
1124D—02/26/09
Advance Information
ICS9LPR502
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
10
Datasheet
MLF Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
43
VDDSRC_IO
PWR
Power supply for SRC outputs. 1.05 to 3.3V +/-5%.
44
CPUC2_ITP/SRCC8
OUT
Complement clock of low power differential CPU2/Complement clock of differential SRC pair. The function of this
pin is determined by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8#
1 = ITP#
45
CPUT2_ITP/SRCT8
OUT
True clock of low power differential CPU2/True clock of differential SRC pair. The function of this pin is determined
by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8
1 = ITP
46
NC
NC
Not Connected
47
VDDCPU_IO
PWR
Power supply for CPU outputs. 1.05 to 3.3V +/-5%.
48
CPUC1_F
OUT
Complement clock of low power differenatial CPU clock pair. This clock will be free-running during iAMT.
49
CPUT1_F
OUT
True clock of low power differential CPU clock pair. This clock will be free-running during iAMT.
50
GNDCPU
PWR
Ground Pin for CPU Outputs
51
CPUC0
OUT
Complement clock of low power differential CPU clock pair.
52
CPUT0
OUT
True clock of low power differential CPU clock pair.
53
VDDCPU
PWR
Power Supply 3.3V nominal.
54
CK_PWRGD/PD#
IN
Notifies CK505 to sample latched inputs, or iAMT entry/exit, or PWRDWN# mode
55
FSLB/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS
values. TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while in test mode. Refer
to Test Clarification Table.
56
GNDREF
PWR
Ground pin for crystal oscillator circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com