Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR502 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS9LPR502
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPR502 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS9LPR502 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator
1124D—02/26/09
Advance Information
ICS9LPR502
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
14
Datasheet
Intentional PCI Clock to Clock Delay
200 ps nominal steps
PCI0
PCI1
PCI2
PCI3
PCI4
PCI_F5
1.0ns
Electrical Characteristics - PCICLK/PCICLK_F
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
1,2
33.33MHz output no spread
29.99700
30.00300
ns
2
33.33MHz output spread
30.08421
30.23459
ns
2
33.33MHz output no spread
29.49700
30.50300
ns
2
33.33MHz output nominal/spread
29.56617
30.58421
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
1
V OH @MIN = 1.0 V
-33
mA
1
VOH@MAX = 3.135 V
-33
mA
1
VOL @ MIN = 1.95 V
30
mA
1
VOL @ MAX = 0.4 V
38
mA
1
Rising Edge Slew Rate
tSLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
tFLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Pin to Pin Skew
tskew
VT = 1.5 V
250
ps
2
Intential PCI to PCI delay
tskew
VT = 1.5 V
100
200
ps
2
Duty Cycle
dt1
VT = 1.5 V
45
55
%
2
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
500
ps
2
Tabs
Absolute min/max period
Output High Current
IOH
Output Low Current
IOL
Clock period
Tperiod
Electrical Characteristics - USB48MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
2,4
Clock period
Tperiod
48.00MHz output nominal
20.83125
20.83542
ns
2,3
Absolute min/max period
Tabs
48.00MHz output nominal
20.48125
21.18542
ns
2
CLK High Time
THIGH
8.216563
11.15198
V
CLK Low time
TLOW
7.816563
10.95198
V
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
V OH @MIN = 1.0 V
-29
mA
VOH@MAX = 3.135 V
-23
mA
VOL @ MIN = 1.95 V
29
mA
VOL @ MAX = 0.4 V
27
mA
Rising Edge Slew Rate
tSLR
Measured from 0.8 to 2.0 V
1
2
V/ns
1
Falling Edge Slew Rate
tFLR
Measured from 2.0 to 0.8 V
1
2
V/ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
2
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
350
ps
2
Output High Current
IOH
Output Low Current
IOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com