Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR502 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9LPR502
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPR502 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9LPR502 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator
1124D—02/26/09
Advance Information
ICS9LPR502
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
4
Datasheet
SSOP/TSSOP Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
29
CPU_STOP#/SRCC5
I/O
Stops all CPU Clocks, except those set to be free running clocks /
Complement clock of differential SRC pair. The function of this pin is set up by the power-up strap
on pin 6, PCI4/SRC5_EN. The logic value sampled on pin 6 at power-up sets the function as
follows:
0= CPU_STOP#
1 = SRC5
In AMT mode 3 bits are shifted in from the ICH to set the FSC, FSB, FSA values
30
PCI_STOP#/SRCT5
I/O
Stops all PCI Clocks, except those set to be free running clocks /
Complement clock of differential SRC pair. The function of this pin is set up by the power-up strap
on pin 6, PCI4/SRC5_EN. The logic value sampled on pin 6 at power-up sets the function as
follows:
0= PCI_STOP#
1 = SRC5#
In AMT mode, this pin is a clock input which times the FSC, FSB, FSA bits shifted in on pin 37.
31
VDDSRC
PWR
VDD pin for SRC Pre-drivers, 3.3V nominal
32
SRCC6
OUT
Complement clock of low power differential SRC clock pair.
33
SRCT6
OUT
True clock of low power differential SRC clock pair.
34
GNDSRC
PWR
Ground for SRC clocks
35
SRCC7/CR#_E
I/O
SRC7 complement or Clock Request control E for SRC6 pair
The power-up default is SRC7#, but this pin may also be used as a Clock Request control of
SRC6 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC7 output pair must
first be disabled in byte 3, bit 3 of SMBus configuration space . After the SRC output is disabled
(high-Z), the pin can then be set to serve as a Clock Request for SRC6 pair using byte 6, bit 7 of
SMBus configuration space
Byte 6, bit 7
0 = SRC7# enabled (default)
1= CR#_E controls SRC6.
36
SRCT7/CR#_F
I/O
SRC7 true or Clock Request control 8 for SRC8 pair
The power-up default is SRC7, but this pin may also be used as a Clock Request control of SRC8
via SMBus. Before configuring this pin as a Clock Request Pin, the SRC7 output pair must first be
disabled in byte 3, bit 3 of SMBus configuration space After the SRC output is disabled (high-Z),
the pin can then be set to serve as a Clock Request for SRC8 pair using byte 6, bit 6 of SMBus
configuration space
Byte 6, bit 6
0 = SRC7# enabled (default)
1 = CR#_F controls SRC8.
37
VDDSRC_IO
PWR
Power supply for SRC outputs. 1.05 to 3.3V +/-5%.
38
CPUC2_ITP/SRCC8
OUT
Complement clock of low power differential CPU2/Complement clock of differential SRC pair. The
function of this pin is determined by the latched input value on pin 7, PCIF5/ITP_EN on powerup.
The function is as follows:
Pin 7 latched input Value
0 = SRC8#
1 = ITP#
39
CPUT2_ITP/SRCT8
OUT
True clock of low power differential CPU2/True clock of differential SRC pair. The function of this
pin is determined by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is
as follows:
Pin 7 latched input Value
0 = SRC8
1 = ITP
40
NC
N/A
No Connect
41
VDDCPU_IO
PWR
Supply for CPU outputs. 1.05 to 3.3V +/-5%.
42
CPUC1_F
OUT
Complement clock of low power differenatial CPU clock pair. This clock will be free-running during
iAMT.
43
CPUT1_F
OUT
True clock of low power differential CPU clock pair. This clock will be free-running during iAMT.
44
GNDCPU
PWR
Ground Pin for CPU Outputs
45
CPUC0
OUT
Complement clock of low power differential CPU clock pair.
46
CPUT0
OUT
True clock of low power differential CPU clock pair.
47
VDDCPU
PWR
Power Supply 3.3V nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com