Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR502 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ICS9LPR502
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPR502 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ICS9LPR502 Datasheet HTML 22Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 23Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 24Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 25Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 26Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 27Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 28Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 29Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator
1124D—02/26/09
Advance Information
ICS9LPR502
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
28
Datasheet
E
Top View
OR
Anvil
Singulation
A3
L
N
(Ref.)
e
e
e
e
(Ref. )
(Ref. )
(Ref. )
(Typ.)
If
A1
Even
E2
D2
D2
2
A
C
0.08
C
E2
2
2
2
1
Sawn
Singulation
Index Area
Seating Plane
are Even
Thermal
Base
Odd
b
(N - 1)x
N
1
Chamfer 4x
0.6 x 0.6 max
OPTIONAL
D
D
&
&
N
D
N
D
N
E
N
E
&
N
D
N
E
(N - 1)x
E
Ordering Information
9LPR502yKLFT
Example:
Designation for tape and reel packaging
Lead Free, RoHS Compliant
Package Type
K = MLF
Revision Designator (will not correlate with datasheet revision)
Device Type
XXXX y K LF T
DIMENSIONS
SYMBOL
MIN.
MAX.
A0.8
1.0
A1
0
0.05
N
56
A3
ND
14
b
0.18
0.3
NE
14
e
D x E BASIC
8.00 x 8.00
D2 MIN. / MAX.
4.35 / 4.65
E2 MIN. / MAX.
5.05 / 5.35
L MIN. / MAX.
0.30 / 0.50
ICS 56L
TOLERANCE
SYMBOL
0.50 BASIC
DIMENSIONS
0.25 Reference
THERMALLY ENHANCED, VERY THIN, FINE PITCH
QUAD FLAT / NO LEAD PLASTIC PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com