Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA965TM Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA965TM
Description  -0.8A , -120V PNP Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA965TM Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA965TM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SA965TM
-0.8A , -120V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
17-Aug-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Complementary to 2SC2235
Power Amplifier Applications
CLASSIFICATION OF hFE
Product-Rank
2SA965-O
2SA965-Y
Range
80-160
120-240
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-120
V
Collector to Emitter Voltage
VCEO
-120
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-0.8
A
Collector Power Dissipation
PC
0.9
W
Thermal Resistance, Junction To Ambient
RθJA
139
°C/W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-120
-
-
V
IC= -1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-120
-
-
V
IC= -10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -1mA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µA
VCB= -120V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µA
VEB= -5V, IC=0
DC Current Gain
hFE
80
-
240
VCE= -5V, IC= -100mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-1
V
IC= -500mA, IB= -50mA
Base to Emitter Saturation Voltage
VBE
-
-
-1
V
VCE= -5V, IC= -0.5A
Transition Frequency
fT
-
120
-
MHz
VCE= -5V, IC= -100mA
Collector Output Capacitance
Cob
-
-
40
pF
VCB= -10V, IE=0, f=1MHz
TO-92MOD
1
1
1
1 Emitter
2
2
2
2 Collector
3
3
3
3 Base
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.50
6.50
H
1.70
2.05
B
8.00
9.00
J
2.70
3.20
C
12.70
14.50
K
0.85
1.15
D
4.50
5.30
L
1.60 Max
E
0.35
0.65
M
0.00
0.40
F
0.30
0.51
N
4.00 Min
G
1.50 TYP.
A
C
E
K
F
D
B
G
H
J
L
M
N


Similar Part No. - 2SA965TM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA965TM SECOS-2SA965TM_15 Datasheet
125Kb / 1P
PNP Plastic Encapsulated Transistor
More results

Similar Description - 2SA965TM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SC2235TM SECOS-2SC2235TM Datasheet
752Kb / 2P
0.8A , 120V NPN Plastic Encapsulated Transistor
2SD667A SECOS-2SD667A Datasheet
70Kb / 1P
1A , 120V NPN Plastic Encapsulated Transistor
BC808 SECOS-BC808 Datasheet
820Kb / 3P
-0.8A , -30V PNP Plastic Encapsulated Transistor
KTC3265 SECOS-KTC3265 Datasheet
226Kb / 2P
0.8A , 35V NPN Plastic Encapsulated Transistor
3DD13002 SECOS-3DD13002 Datasheet
297Kb / 2P
0.8A, 600V NPN Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com