Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA310 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BGA310
Description  Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BGA310 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BGA310 Datasheet HTML 1Page - Siemens Semiconductor Group BGA310 Datasheet HTML 2Page - Siemens Semiconductor Group BGA310 Datasheet HTML 3Page - Siemens Semiconductor Group BGA310 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BGA 310
Semiconductor Group
Sep-04-1998
2
Electrical Characteristics at
TA = 25 °C, unless otherwise specified.
Parameter
Values
Symbol
Unit
max.
typ.
min.
AC characteristics (
VD = 4.7 V, Zo = 50 Ω)
dB
10
9
8
-
-
-
-
-
-
|
S21|2
Insertion power gain
f = 0.1 GHz
f = 1 GHz
f = 1.8 GHz
Insertion point gain flatness
f = 0.1 GHz to 0.6 GHz
-
∆ |S
21|
2
-
+-0.5
Noise figure
f = 0.1 GHz
f = 1 GHz
f = 2 GHz
NF
6
6.5
7
-
-
-
-
-
-
1dB compression point
f = 1 GHz
P-1dB
-
dBm
-
9
Return loss input
f = 0.1 GHz to 2 GHz
RLin
-
20
-
dB
Return loss output
f = 0.1 GHz to 3 GHz
RLout
-
15
-
Typical biasing configuration
EHA07313
D
V
RFC (optional)
IN
C
Block
Block
C
OUT
Ι
D
Bias
R
min. CC
V =7 V
1
3
2
4
RBias = VCC - VD / ID
VD = 4.7V
Semiconductor Group
2
1998-11-01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com