Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA310 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BGA310
Description  Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BGA310 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BGA310 Datasheet HTML 1Page - Siemens Semiconductor Group BGA310 Datasheet HTML 2Page - Siemens Semiconductor Group BGA310 Datasheet HTML 3Page - Siemens Semiconductor Group BGA310 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BGA 310
Semiconductor Group
Sep-04-1998
3
S-Parameters at
TA = 25 °C
f
S11
S22
S12
S21
ANG
ANG
MAG
MAG
MAG
ANG
GHz
MAG
ANG
VD = 4.7 V, Zo = 50Ω
0.01
0.1
0.3
0.5
0.8
1
1.8
2.4
3
0.051
0.053
0.053
0.058
0.054
0.049
0.053
0.161
0.257
176.4
168.1
141.9
123.9
98.2
86.1
-164.9
-177.7
153.9
3.22
3.23
3.22
3.2
3.17
3.12
2.79
2.41
2.03
179.3
174.9
164.6
154.2
138.7
128.4
88
60.8
38.2
0.149
0.149
0.15
0.152
0.157
0.162
0.188
0.208
0.225
0.2
1.2
3.4
5.4
8.1
9.7
12
10.6
8.2
0.159
0.158
0.157
0.155
0.153
0.153
0.16
0.168
0.178
-0.5
-6.1
-19
-31.7
-51.3
-64.3
-106.6
-123.7
-133.1
Insertion power gain |
S21|2 = f ( f )
VD = 4.7 V, ID = 42 mA
10
-1
10
0
10
1
GHz
f
0
5
10
15
dB
25
Noise figure
NF = f ( f )
VD = 4.7 V, ID = 42 mA
10
-1
10
0
10
1
GHz
f
0
2
4
6
dB
10
Semiconductor Group
3
1998-11-01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com