Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA2014 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KTA2014
Description  -0.15A , -50V PNP Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KTA2014 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KTA2014 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KTA2014 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KTA2014 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KTA2014
-0.15A , -50V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low frequency power amplifier application
Power switching application
CLASSIFICATION OF hFE
Product-Rank
KTA2014-O
KTA2014-Y
KTA2014-GR
Range
70~140
120~240
200~400
Marking Code
SO
SY
SG
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-150
mA
Collector Power Dissipation
PC
100
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-50
-
-
V
IC= -100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC= -1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µA
VCB= -50V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µA
VEB= -5V, IC=0
DC Current Gain
hFE
70
-
400
VCE= -6V, IC= -2mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.3
V
IC= -100mA, IB=-10mA
Transition Frequency
fT
80
-
-
MHz
VCE= -10V, IC= -1mA
Collector output capacitance
Cob
-
-
7
pF
VCB= -10V, IE=0, f=1MHz
Noise Figure
NF
-
-
10
dB
VCE= -6V, IC= -0.1mA
f=1KHz, Rg=10K
SOT-323
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - KTA2014

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA2014 KEC-KTA2014 Datasheet
279Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Shenzhen Jin Yu Semicon...
KTA2014 HTSEMI-KTA2014 Datasheet
692Kb / 3P
TRANSISTOR (PNP)
logo
Galaxy Semi-Conductor H...
KTA2014 BILIN-KTA2014 Datasheet
202Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
Jiangsu Changjiang Elec...
KTA2014 JIANGSU-KTA2014 Datasheet
533Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTA2014 KEXIN-KTA2014 Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - KTA2014

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
2SC4738 SECOS-2SC4738 Datasheet
277Kb / 2P
0.15A , 60V NPN Plastic Encapsulated Transistor
KTA1504 SECOS-KTA1504 Datasheet
58Kb / 1P
-0.15A , -50V PNP Plastic Encapsulated Transistor
KTC3875 SECOS-KTC3875 Datasheet
595Kb / 3P
0.15A , 60V NPN Plastic Encapsulated Transistor
SCS16DSTL SECOS-SCS16DSTL Datasheet
187Kb / 2P
0.15A , 75V Plastic-Encapsulated Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com