Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # M28S
Description  1A , 40V NPN Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

M28S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  M28S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M28S
1A , 40V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Excellent hFE Linearity
High DC Current Gain
CLASSIFICATION OF hFE
Product-Rank
M28S-B
M28S-C
M28S-D
Range
300~550
500~700
650~1000
Marking
28S
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
20
V
Emitter to Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
1
A
Collector Power Dissipation
PC
200
mW
Thermal Resistance From Junction To Ambient
RθJA
625
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
40
-
-
V
IC=0.1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
20
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=0.1mA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
µA
VCB=35V, IE=0
Collector Cut-Off Current
ICEO
-
-
5
µA
VCE=20V, IB=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB=5V, IC=0
DC Current Gain
hFE(1)
290
-
-
VCE=1V, IC=1mA
hFE(2)
300
-
1000
VCE=1V, IC=100mA
hFE(3)
300
-
-
VCE=1V, IC=300mA
hFE(4)
300
-
-
VCE=1V, IC=500mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.55
V
IC=600mA, IB=20mA
Transition Frequency
fT
100
-
-
MHz
VCE=10V, IE=50mA, f=1MHz
Collector output capacitance
Cob
-
9
-
pF
VCB=10V, IE=0, f=1MHz
Package
MPQ
Leader Size
SOT-23
3K
7 inch
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - M28S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M28S UTC-M28S Datasheet
86Kb / 2P
AUDIO OUTPUT DRIVER AMPLIFIER
logo
Galaxy Semi-Conductor H...
M28S BILIN-M28S Datasheet
161Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Dc Components
M28S DCCOM-M28S Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
M28S HTSEMI-M28S Datasheet
304Kb / 1P
TRANSISTOR(NPN)
logo
Unisonic Technologies
M28S UTC-M28S Datasheet
109Kb / 2P
AUDIO OUTPUT DRIVER AMPLIFIER
More results

Similar Description - M28S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SD667A SECOS-2SD667A Datasheet
70Kb / 1P
1A , 120V NPN Plastic Encapsulated Transistor
2SD1005 SECOS-2SD1005 Datasheet
78Kb / 1P
1A , 100V NPN Plastic Encapsulated Transistor
KTD1898 SECOS-KTD1898 Datasheet
77Kb / 1P
1A , 100V NPN Plastic Encapsulated Transistor
S9013W SECOS-S9013W Datasheet
59Kb / 1P
0.5A , 40V NPN Plastic Encapsulated Transistor
KSC2383L SECOS-KSC2383L Datasheet
416Kb / 2P
1A , 160V NPN Plastic Encapsulated Transistor
M28ST SECOS-M28ST Datasheet
59Kb / 1P
1A , 40V NPN Plastic Encapsulated Elektronische Bauelemente Transistor
MMBT720 SECOS-MMBT720 Datasheet
263Kb / 3P
-1.5A , -40V PNP Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com