Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222AT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2222AT
Description  NPN Silicon General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2222AT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2222AT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2222AT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT2222AT Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT2222AT Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT2222AT Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBT2222AT
NPN Silicon
General Purpose Transistors
Elektronische Bauelemente
17-Aug-2011 Rev. A
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Epitaxial Planar Die Construction
Complementary PNP Type Available(MMBT2907FW)
Ideal for Medium Power Amplification and Switching
MARKING CODE
1P
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector - Emitter Voltage
VCEO
40
V
Collector - Base Voltage
VCBO
75
V
Emitter - Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
600
mA
Total Device Dissipation FR-4 Board @ TA=25°C
1
PD
150
mW
Thermal Resistance, Junction to Ambient
RθJA
833
°C / W
Junction & Storage Temperature
TJ, TSTG
-55~150
°C
Note:
1. Device mounted on FR4 glass epoxy printed circuit board using the minimum recommended footprint.
SOT-523
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.50
1.70
K
0.30
0.50
B
0.75
0.95
M
---
10
o
C
0.60
0.80
N
---
10
o
D
0.23
0.33
S
1.50
1.70
G
0.50BSC
J
0.10
0.20


Similar Part No. - MMBT2222AT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT2222AT DIODES-MMBT2222AT Datasheet
57Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 2 - 2
logo
Weitron Technology
MMBT2222AT WEITRON-MMBT2222AT Datasheet
99Kb / 5P
Plastic-Encapsulate Transistors NPN Silicon
logo
Diodes Incorporated
MMBT2222AT DIODES-MMBT2222AT Datasheet
172Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
logo
Micro Commercial Compon...
MMBT2222AT MCC-MMBT2222AT Datasheet
113Kb / 3P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT2222AT DIODES-MMBT2222AT Datasheet
182Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 10 - 2
More results

Similar Description - MMBT2222AT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC848BWT1G LEIDITECH-LBC848BWT1G Datasheet
1,012Kb / 9P
General Purpose Transistors NPN Silicon
LH8050PLTIG LEIDITECH-LH8050PLTIG Datasheet
482Kb / 4P
General Purpose Transistors NPN Silicon
LMBT2222AL LEIDITECH-LMBT2222AL Datasheet
906Kb / 6P
General Purpose Transistors NPN Silicon
logo
AiT Semiconductor Inc.
MBT6427 AITSEMI-MBT6427 Datasheet
945Kb / 8P
GENERAL PURPOSE TRANSISTORS NPN SILICON
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com