Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222AT Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2222AT
Description  NPN Silicon General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2222AT Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2222AT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2222AT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT2222AT Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT2222AT Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT2222AT Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBT2222AT
NPN Silicon
General Purpose Transistors
Elektronische Bauelemente
17-Aug-2011 Rev. A
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Characteristic
Symbol
Min.
Max.
Unit
Test Conditions
Off Characteristics
Collector-Emitter Breakdown Voltage
1
V(BR)CEO
40
-
V
IC=10 mA, IB=0
Collector-Base Breakdown Voltage
V(BR)CBO
75
-
V
IC=10µA, IE=0
Emitter-Base Breakdown Voltage
V(BR)EBO
6
-
V
IE= -10 µA, IC=0
Collector Cut-Off Current
IBL
-
20
nA
VCE=60V, VEB=3V
Emitter Cut-Off Current
ICEX
-
100
nA
VCE=60V, VBE=3V
On Characteristics
1
DC Current Gain
1
hFE
35
-
IC=0.1mA, VCE=10V
50
-
IC=1mA, VCE=10V
75
-
IC=10mA, VCE=10V
100
-
IC=150mA, VCE=10V
40
-
IC=500mA, VCE=10V
Collector-Emitter Saturation Voltage
VCE(sat)
-
0.3
V
IC=150mA, IB=15mA
-
1
IC=500mA, IB=50mA
Base-Emitter Saturation Voltage
VBE(sat)
0.6
1.2
V
IC=150mA, IB=15mA
-
2
IC=500mA, IB=50mA
Small-Signal Characteristics
Curren-Gain-Bandwidth Product
fT
250
-
MHz
VCE=20V, IC=20mA,
f=100MHz
Output Capacitance
Cobo
-
8
pF
VCB=10V, IE=0, f =1.0 MHz
Input Capacitance
Cibo
-
30
pF
VBE=0.5V, IE=0, f =1.0 MHz
Input Impedancen
hie
0.25
1.25
K
VCE=10V, IC=10mA, f=1.0kHz
Voltage Feedback Ratio
hre
-
4
X10
-4
VCE=10V, IC=10mA, f=1.0kHz
Small-Signal Current Gain
hfe
75
375
VCE=10V, IC=10mAdc, f=1.0kHz
Output Admittance
hoe
25
200
µmhos VCE=10V, IC=10mAdc, f=1.0kHz
Noise Figure
NF
-
4.0
dB
VCE=10V, IC=100µA,
RS=1K , f=1.0kHz
Switching Characteristics
Delay Time
Td
-
10
nS
VCC=3V, VBE= -0.5 V,
IC=150mA, IB1=15mA
Rise Time
Tr
-
25
Storage Time
TS
-
225
nS
VCC=30V, IC=150mA,
IB1=IB2=15mA
Fall Time
TF
-
60
Note:
1. Pulse Test: Pulse Width ≤ 300s, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com