Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS840 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS840
Description  0.13A , 50V , RDS(ON) 10 P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS840 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMS840 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS840 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS840 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS840 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMS840
0.13A , 50V , RDS(ON) 10 Ω
P-Channel Enhancement MOSFET
Elektronische Bauelemente
25-Nov-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-23
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low On-Resistance : 10
Low Input Capacitance: 30PF
Low Out Put Capacitance : 10PF
Low Threshold : 2V
Fast Switching Speed : 2.5ns
APPLICATIONS
DC-DC Converter
Cellular & PCMCIA Card
Cordless Telephone
Power Management in Portable and Battery etc
MARKING
PD
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
-50
V
Continuous Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current @TA=25°C
ID
-130
mA
Pulsed Drain Current(tp
≤10us)
IDM
-520
mA
Power Dissipation @TA=25°C
PD
225
mW
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
G1
S2
D3
P-Channel
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50


Similar Part No. - SMS840

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SMS840 VBSEMI-SMS840 Datasheet
491Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS840 SECOS-SMS840_15 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results

Similar Description - SMS840

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2305P_1108 SECOS-SMG2305P_1108 Datasheet
71Kb / 2P
-4.5A , -20V , RDS(ON) 43 m P-Channel Enhancement MOSFET
SMG2391P SECOS-SMG2391P Datasheet
1Mb / 4P
-0.9A , -150V , RDS(ON) 1.2 P-Channel Enhancement Mode MOSFET
SSE90P06-08P SECOS-SSE90P06-08P Datasheet
81Kb / 2P
-90A , -60V , RDS(ON) 12m P-Channel Enhancement Mode MOSFET
SSF84W SECOS-SSF84W Datasheet
1Mb / 4P
-0.13A , -50V , RDS(ON) 10 P-Channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
BSS84Z UTC-BSS84Z Datasheet
165Kb / 3P
0.13A, 50V P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
BSS84ZDW UTC-BSS84ZDW Datasheet
145Kb / 3P
0.13A, 50V P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Cystech Electonics Corp...
MTP3J15N3 CYSTEKEC-MTP3J15N3 Datasheet
309Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
MTP3J15Y3 CYSTEKEC-MTP3J15Y3 Datasheet
342Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84KS3 CYSTEKEC-BSS84KS3 Datasheet
312Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84N3 CYSTEKEC-BSS84N3 Datasheet
308Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com