Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS840 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS840
Description  0.13A , 50V , RDS(ON) 10 P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS840 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS840 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS840 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS840 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS840 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMS840
0.13A , 50V , RDS(ON) 10 Ω
Ω
Ω
Ω
P-Channel Enhancement MOSFET
Elektronische Bauelemente
25-Nov-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static Characteristics
1
Drain-Source Breakdown Voltage
BVDSS
-50
-
-
V
VGS =0, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-
-
-0.1
µA
VGS=0, VDS = -25V
-
-
-15
VGS=0, VDS = -50V
Gate-Source Leakage Current
IGSS
-
-
±60
µA
VGS=±20V, VDS =0
Gate-Source Threshold Voltage
VGS(th)
-0.8
-
-2
V
VDS =VGS, ID = -1mA
Static Drain-Source On Resistance
RDS(ON)
-
5
10
VGS= -5V, ID = -0.1A
Forward Transconductance
gFS
50
-
-
mS
VDS= -25V,,ID = -0.1A, f=1.0KHz
Dynamic Characteristics
Input Capacitance
Ciss
-
30
-
pF
VDS= -5V, VGS=0, f=1MHz
Output Capacitance
Coss
-
10
-
Reverse Transfer Capacitance
Crss
-
5
-
Switching Characteristics
2
Turn-On Delay Time
Td(ON)
-
25
-
nS
VDD= -15V, ,ID= -2.5A,
RL=50 ,
Turn-Off Delay Time
Td(OFF)
-
16
-
Rise Time
Tr
-
1
-
Fall Time
Tf
-
8
-
Gate Charge
QT
-
6000
-
pC
Source-Drain Diode Characteristics
Continuous Current
IS
-
-
0.13
A
Pulsed Current
ISM
-
-
0.52
Forward Voltage
2
VSD
-
-2.5
-
V
Notes:
1.
Pulse Test : PW≤300us, Duty Cycle≤2%.
2.
Switching Time is Essentially Independent of Operating Temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com