Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF84W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF84W
Description  -0.13A , -50V , RDS(ON) 10 P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF84W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSF84W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF84W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF84W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF84W Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSF84W
-0.13A , -50V , RDS(ON) 10
P-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
04-Nov-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
PD
W
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs reduce
power loss conserve energy, making this device ideal for
use in small power management circuitry.
FEATURES
Energy Efficient
Miniature SOT–323 Surface Mount Package Saves
Board Space
APPLICATION
DC-DC converters, load switching, power management
in portable and battery–powered products such as computers,
printers, cellular and cordless telephones.
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
THERMAL CHARACTERISTICS
Parameter
Symbol
Rating
Unit
Total Device Dissipation
FR–5 Board
TA=25°C
PD
225
mW
Derate above 25°C
1.8
mW / °C
Maximum Junction–Ambient
RθJA
556
°C / W
Total Device Dissipation Alumina
Substrate
TA=25°C
PD
300
mW
Derate above 25°C
2.4
mW / °C
Maximum Junction–Ambient
RθJA
417
°C / W
Junction & Storage Temperature
TJ, TSTG
-55 ~ 150
°C
1
Gate
3
Source
2
Drain
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40
SOT-323
W:
:Date Code


Similar Part No. - SSF84W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSF84W SECOS-SSF84W_15 Datasheet
1Mb / 4P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SSF84W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2391P SECOS-SMG2391P Datasheet
1Mb / 4P
-0.9A , -150V , RDS(ON) 1.2 P-Channel Enhancement Mode MOSFET
SMS840 SECOS-SMS840 Datasheet
1Mb / 4P
0.13A , 50V , RDS(ON) 10 P-Channel Enhancement MOSFET
SSE90P06-08P SECOS-SSE90P06-08P Datasheet
81Kb / 2P
-90A , -60V , RDS(ON) 12m P-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
BSS84Z UTC-BSS84Z Datasheet
165Kb / 3P
0.13A, 50V P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Formosa MS
FMBSS84 FORMOSA-FMBSS84 Datasheet
101Kb / 8P
50V P-Channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
BSS84ZDW UTC-BSS84ZDW Datasheet
145Kb / 3P
0.13A, 50V P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Cystech Electonics Corp...
MTP3J15N3 CYSTEKEC-MTP3J15N3 Datasheet
309Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
MTP3J15Y3 CYSTEKEC-MTP3J15Y3 Datasheet
342Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84KS3 CYSTEKEC-BSS84KS3 Datasheet
312Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84N3 CYSTEKEC-BSS84N3 Datasheet
308Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com