Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4512CE Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4512CE
Description  N & P-Ch Enhancement Mode Power MOSFET N-Ch: 6.9 A, 30 V, RDS(ON) 31 m P-Ch: -5.2 A, -30 V, RDS(ON) 52 m
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4512CE Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4512CE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4512CE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4512CE Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4512CE Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4512CE Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4512CE Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4512CE Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSG4512CE
N & P-Ch Enhancement Mode Power MOSFET
N-Ch: 6.9 A, 30 V, RDS(ON) 31 mΩ
Ω
Ω
Ω
P-Ch: -5.2 A, -30 V, RDS(ON) 52 mΩ
Ω
Ω
Ω
Elektronische Bauelemente
26-Dec-2011 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low RDS(on)
and to ensure minimal power loss and heat dissipation.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
SOP-8 saves board space.
Fast Switch Speed.
High performance trench technology.
APPLICATION
DC-DC converters and power management in portable
and battery-powered products such as computers, printers,
PCMCIA cards, cellular and cordless telephones.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13 inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
N-Ch
P-Ch
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current
1
TA=25°C
ID
6.9
-5.2
A
TA=70°C
5.4
-6.8
A
Pulsed Drain Current
2
IDM
20
-20
A
Continuous Source Current (Diode Conduction)
1
IS
1.3
-1.3
A
Total Power Dissipation
1
TA=25°C
PD
2.1
2.1
W
TA=70°C
1.3
1.3
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Ratings
Maximum Junction-ambient
1
t<=5 sec
RθJA
60
°C / W
Maximum Junction-Case
1
t<=5 sec
RθJC
40
°C / W
Notes:
1. Surface Mounted on 1” x 1” FR4 Board.
2. Pulse width limited by maximum junction temperature
SOP-8
A
H
B
M
D
C
J
K
F
L
E
N
G
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
S1
G1
S2
D1
D1
D2
D2
G2


Similar Part No. - SSG4512CE

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SSG4512CE DOINGTER-SSG4512CE Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
logo
VBsemi Electronics Co.,...
SSG4512CE VBSEMI-SSG4512CE Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4512CE SECOS-SSG4512CE_15 Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4512CE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDN520C SECOS-SDN520C Datasheet
84Kb / 2P
N-Ch: 4.5 A, 20 V, RDS(ON) 58 m P-Ch: -4.5 A, -20 V, RDS(ON) 112 m N & P-Channel Enhancement Mode MOSFET
SSG4502CE SECOS-SSG4502CE Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET N-Ch: 10.0 A, 30 V, RDS(ON) 16 m P-Ch: -8.5A, -30 V, RDS(ON) 23 m
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
SSG9435BDY SECOS-SSG9435BDY Datasheet
616Kb / 4P
-5.3 A, -30 V, RDS(ON) 36 m P-Ch Enhancement Mode Power MOSFET
SSPS7330N SECOS-SSPS7330N Datasheet
612Kb / 4P
11 A , 30 V, RDS(ON) 22 m N-Ch Enhancement Mode Power MOSFET
SSPS7331P SECOS-SSPS7331P Datasheet
596Kb / 4P
-13.4 A , -30 V , RDS(ON) 13 m P-Ch Enhancement Mode Power MOSFET
SSPS7332N SECOS-SSPS7332N Datasheet
590Kb / 4P
짹17 A , 30 V , RDS(ON) 13.5 m N-Ch Enhancement Mode Power MOSFET
SSPS7333P SECOS-SSPS7333P Datasheet
124Kb / 2P
-10.9 A , -30 V , RDS(ON) 20 m P-Ch Enhancement Mode Power MOSFET
SSPS7334N SECOS-SSPS7334N Datasheet
512Kb / 4P
짹17 A , 30 V , RDS(ON) 8.5 m N-Ch Enhancement Mode Power MOSFET
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com