Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4520H Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SSG4520H Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SSG4520H_12
Download  SSG4520H Download
File Size   440.86 Kbytes
Page   6 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET

SSG4520H Datasheet (PDF)

Go To PDF Page Download Datasheet
SSG4520H Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SSG4520H_12
Download  SSG4520H Click to download

File Size   440.86 Kbytes
Page   6 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET

SSG4520H Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SSG4520H_12

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4520H SECOS-SSG4520H_15 Datasheet
440Kb / 6P
N & P-Ch Enhancement Mode Power MOSFET
More results


Similar Description - SSG4520H_12

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDN520C SECOS-SDN520C Datasheet
84Kb / 2P
N-Ch: 4.5 A, 20 V, RDS(ON) 58 m P-Ch: -4.5 A, -20 V, RDS(ON) 112 m N & P-Channel Enhancement Mode MOSFET
SSD40P04 SECOS-SSD40P04_11 Datasheet
1Mb / 4P
-36A , -40V , RDS(ON) 30m P-Ch Enhancement Mode Power MOSFET
SSG4407P SECOS-SSG4407P Datasheet
548Kb / 4P
-15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET N-Ch: 10.0 A, 30 V, RDS(ON) 16 m P-Ch: -8.5A, -30 V, RDS(ON) 23 m
SSG4512CE SECOS-SSG4512CE Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET N-Ch: 6.9 A, 30 V, RDS(ON) 31 m P-Ch: -5.2 A, -30 V, RDS(ON) 52 m
SSG9435BDY SECOS-SSG9435BDY Datasheet
616Kb / 4P
-5.3 A, -30 V, RDS(ON) 36 m P-Ch Enhancement Mode Power MOSFET
SSPS7321P SECOS-SSPS7321P Datasheet
525Kb / 4P
-13A , -20V , RDS(ON) 14 m P-Ch Enhancement Mode Power MOSFET
SST3585 SECOS-SST3585_12 Datasheet
654Kb / 7P
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
STT3585 SECOS-STT3585_12 Datasheet
664Kb / 7P
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com