Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSPS7321P Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SSPS7321P Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SSPS7321P
Download  SSPS7321P Download
File Size   525.65 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description -13A , -20V , RDS(ON) 14 m P-Ch Enhancement Mode Power MOSFET

SSPS7321P Datasheet (PDF)

Go To PDF Page Download Datasheet
SSPS7321P Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SSPS7321P
Download  SSPS7321P Click to download

File Size   525.65 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description -13A , -20V , RDS(ON) 14 m P-Ch Enhancement Mode Power MOSFET

SSPS7321P Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SSPS7321P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSPS7321P SECOS-SSPS7321P Datasheet
525Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSPS7321P SECOS-SSPS7321P_15 Datasheet
525Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Similar Description - SSPS7321P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2305P_1108 SECOS-SMG2305P_1108 Datasheet
71Kb / 2P
-4.5A , -20V , RDS(ON) 43 m P-Channel Enhancement MOSFET
SSD40P04 SECOS-SSD40P04_11 Datasheet
1Mb / 4P
-36A , -40V , RDS(ON) 30m P-Ch Enhancement Mode Power MOSFET
SSG4407P SECOS-SSG4407P Datasheet
548Kb / 4P
-15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET N-Ch: 10.0 A, 30 V, RDS(ON) 16 m P-Ch: -8.5A, -30 V, RDS(ON) 23 m
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
SSG9435BDY SECOS-SSG9435BDY Datasheet
616Kb / 4P
-5.3 A, -30 V, RDS(ON) 36 m P-Ch Enhancement Mode Power MOSFET
SSPS7331P SECOS-SSPS7331P Datasheet
596Kb / 4P
-13.4 A , -30 V , RDS(ON) 13 m P-Ch Enhancement Mode Power MOSFET
SSPS7333P SECOS-SSPS7333P Datasheet
124Kb / 2P
-10.9 A , -30 V , RDS(ON) 20 m P-Ch Enhancement Mode Power MOSFET
STT3585 SECOS-STT3585_12 Datasheet
664Kb / 7P
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
SDT2P02 SECOS-SDT2P02 Datasheet
222Kb / 4P
-2.2A, -20V, RDS(ON) 200 m(ohm) Dual-P Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com