Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4407P Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SSG4407P Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SSG4407P
Download  SSG4407P Download
File Size   548.39 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description -15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET

SSG4407P Datasheet (PDF)

Go To PDF Page Download Datasheet
SSG4407P Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SSG4407P
Download  SSG4407P Click to download

File Size   548.39 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description -15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET

SSG4407P Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SSG4407P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSG4407P VBSEMI-SSG4407P Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4407PE SECOS-SSG4407PE Datasheet
130Kb / 2P
P-Channel Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSG4407PE VBSEMI-SSG4407PE Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4407PE SECOS-SSG4407PE_15 Datasheet
130Kb / 2P
P-Channel Mode Power MOSFET
SSG4407P SECOS-SSG4407P_15 Datasheet
548Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Similar Description - SSG4407P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2343 SECOS-SMG2343 Datasheet
1Mb / 4P
-4.1A , -30V , RDS(ON) 45 m P-Channel Enhancement Mode MOSFET
SMG5409 SECOS-SMG5409 Datasheet
1Mb / 4P
-2.6A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
SSD40P04 SECOS-SSD40P04_11 Datasheet
1Mb / 4P
-36A , -40V , RDS(ON) 30m P-Ch Enhancement Mode Power MOSFET
SSD95N03 SECOS-SSD95N03 Datasheet
1Mb / 4P
96A , 30V , RDS(ON) 4m N-Ch Enhancement Mode Power MOSFET
SSF7400 SECOS-SSF7400 Datasheet
428Kb / 4P
30V , 1.7A , RDS(ON) 85m廓 N-Ch Enhancement Mode Power MOSFET
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
SSG4842N SECOS-SSG4842N Datasheet
121Kb / 2P
23A , 40V , RDS(ON) 9 m N-Ch Enhancement Mode Power MOSFET
SSPS7321P SECOS-SSPS7321P Datasheet
525Kb / 4P
-13A , -20V , RDS(ON) 14 m P-Ch Enhancement Mode Power MOSFET
STT4443 SECOS-STT4443 Datasheet
678Kb / 4P
-2.3A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com