Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4842N Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SSG4842N Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SSG4842N
Download  SSG4842N Download
File Size   121.58 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 23A , 40V , RDS(ON) 9 m N-Ch Enhancement Mode Power MOSFET

SSG4842N Datasheet (PDF)

Go To PDF Page Download Datasheet
SSG4842N Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SSG4842N
Download  SSG4842N Click to download

File Size   121.58 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 23A , 40V , RDS(ON) 9 m N-Ch Enhancement Mode Power MOSFET

SSG4842N Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SSG4842N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSG4842N VBSEMI-SSG4842N Datasheet
1Mb / 9P
N-Channel 40-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4842N SECOS-SSG4842N_15 Datasheet
121Kb / 2P
N-Ch Enhancement Mode Power MOSFET
More results


Similar Description - SSG4842N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD02N65 SECOS-SSD02N65 Datasheet
1Mb / 4P
2A , 650V , RDS(ON) 8 N-Ch Enhancement Mode Power MOSFET
SSD40P04 SECOS-SSD40P04_11 Datasheet
1Mb / 4P
-36A , -40V , RDS(ON) 30m P-Ch Enhancement Mode Power MOSFET
SSD55N03 SECOS-SSD55N03_11 Datasheet
790Kb / 4P
55A, 25V, RDS(ON) 6m N-Ch Enhancement Mode Power MOSFET
SSD95N03 SECOS-SSD95N03 Datasheet
1Mb / 4P
96A , 30V , RDS(ON) 4m N-Ch Enhancement Mode Power MOSFET
SSE90N04-03P SECOS-SSE90N04-03P Datasheet
1Mb / 4P
90A , 40V , RDS(ON) 5 m N-Channel Enhancement Mode MOSFET
SSG4407P SECOS-SSG4407P Datasheet
548Kb / 4P
-15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET N-Ch: 10.0 A, 30 V, RDS(ON) 16 m P-Ch: -8.5A, -30 V, RDS(ON) 23 m
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
SSG4940NC SECOS-SSG4940NC Datasheet
581Kb / 4P
8.3A , 40V , RDS(ON) 23 m Dual-N Enhancement Mode Power MOSFET
SSU50N10 SECOS-SSU50N10 Datasheet
1Mb / 4P
54A , 100V , RDS(ON) 22m N-Ch Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com