Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST3585 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SST3585
Description  3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SST3585 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SST3585 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Elektronische Bauelemente
SST3585
3.5A, 20V, RDS(ON) 75m
-2.5A, -20V, RDS(ON) 160m
N And P-Channel Enhancement Mode Power MOSFET
03-Jan-2012 Rev. G
Page 3 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Source-Drain Diode
N-Ch
-
-
1.2
IS=1.2A, VGS=0
Forward On Voltage
1
P-Ch
VSD
-
-
-1.2
V
IS= -1.2A, VGS=0
N-Ch
-
16
-
IS=3A, VGS=0 ,dI/dt=100A/μs
Reverse Recovery Time
P-Ch
TRR
-
20
-
ns
IS= -2A, VGS=0 ,dI/dt=100A/μs
N-Ch
-
8
-
IS=3A, VGS=0 ,dI/dt=100A/μs
Reverse Recovery Charge
P-Ch
Qrr
-
15
-
nC
IS= -2A, VGS=0 ,dI/dt=100A/μs
Notes:
1
Pulse width limited by Max. junction temperature.
2
Pulse width≦300μs, duty cycle≦2%.
3
Surface mounted on 1 in
2 copper pad of FR4 board; t≦5 sec. 180°C/W when mounted on min. copper pad.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com