Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST3585 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SST3585
Description  3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SST3585 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SST3585 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
SST3585
3.5A, 20V, RDS(ON) 75m
-2.5A, -20V, RDS(ON) 160m
N And P-Channel Enhancement Mode Power MOSFET
03-Jan-2012 Rev. G
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3 5 8 5


= Date Code
TOP VIEW
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SST3585 provide the designer with best combination
of fast switching, low on-resistance and cost effectiveness.
The SOT-26 package is universally used for all
commercial-industrial surface mount applications.
FEATURES
Low Gate Charge
Low On-resistance
MARKING CODE
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Ratings
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
-20
V
Gate-Source Voltage
VGS
±
12
±
12
V
TA = 25°C
3.5
-2.5
Continuous Drain Current
3
TA = 70°C
ID
2.8
-1.97
A
Pulsed Drain Current
1
IDM
10
-10
A
Power Dissipation
PD
1.14
W
Maximum Junction to Ambient
3
RθJA
110
°C / W
Linear Derating Factor
0.01
W / °C
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Package
MPQ
Leader Size
SOT-26
3K
7 inch
SOT-26
A
H
E
F
L
G
J
K
C
D
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.37 REF.
B
2.60
3.00
H
0.30
0.55
C
1.20 REF.
J
-
-
D
1.40
1.80
K
0.12 REF.
E
0.95 REF.
L
-
0.10
F
0.60 REF.


Similar Part No. - SST3585

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SST3585 SECOS-SST3585 Datasheet
622Kb / 7P
N And P-Channel Enhancement Mode Power Mos.FET
SST3585 SECOS-SST3585 Datasheet
1Mb / 7P
N And P-Channel Enhancement Mode Power Mos.FET
SST3585S SECOS-SST3585S Datasheet
655Kb / 7P
N And P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SST3585S VBSEMI-SST3585S Datasheet
612Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SST3585S SECOS-SST3585S_15 Datasheet
655Kb / 7P
N And P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SST3585

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5850 IRF-IRF5850 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
IRF7401 IRF-IRF7401 Datasheet
118Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
logo
SeCoS Halbleitertechnol...
SMG2305P_1108 SECOS-SMG2305P_1108 Datasheet
71Kb / 2P
-4.5A , -20V , RDS(ON) 43 m P-Channel Enhancement MOSFET
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
SSPS7321P SECOS-SSPS7321P Datasheet
525Kb / 4P
-13A , -20V , RDS(ON) 14 m P-Ch Enhancement Mode Power MOSFET
STT3585 SECOS-STT3585_12 Datasheet
664Kb / 7P
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com