Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9648 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9648
Description  14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9648 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9648 Datasheet HTML 17Page - Analog Devices AD9648 Datasheet HTML 18Page - Analog Devices AD9648 Datasheet HTML 19Page - Analog Devices AD9648 Datasheet HTML 20Page - Analog Devices AD9648 Datasheet HTML 21Page - Analog Devices AD9648 Datasheet HTML 22Page - Analog Devices AD9648 Datasheet HTML 23Page - Analog Devices AD9648 Datasheet HTML 24Page - Analog Devices AD9648 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD9648
Rev. 0 | Page 21 of 44
0
2000
4000
6000
8000
10000 12000 14000 16000
OUTPUT CODE
–2.0
–1.5
–1.0
–0.5
0
0.5
1
1.5
2
Figure 20. DNL Error with fIN = 9.7 MHz
0
50,000
100,000
150,000
200,000
250,000
300,000
350,000
400,000
450,000
OUTPUT CODE
Figure 21. Shorted Input Histogram
–2.0
–1.5
–1.0
-0.5
0
0.5
1.0
1.5
2.0
0
2000
4000
6000
8000
10000
12000
14000
16000
OUTPUT CODE
Figure 22. INL Error with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com