Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-80-5 Datasheet(PDF) 3 Page - CUI INC

Part # VOF-80-5
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-80-5 Datasheet(HTML) 3 Page - CUI INC

  VOF-80-5 Datasheet HTML 1Page - CUI INC VOF-80-5 Datasheet HTML 2Page - CUI INC VOF-80-5 Datasheet HTML 3Page - CUI INC VOF-80-5 Datasheet HTML 4Page - CUI INC VOF-80-5 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VOF-80 │ DESCRIPTION: AC-DC POWER SUPPLY
date
06/06/2011
│ page 3 of 5
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
0
60
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
20
95
%
operating altitude
10,000
3,000
ft
m
storage altitude
30,000
9,000
ft
m
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
4 x 2 x 1.40 (102 x 51 x 35.6 mm)
inch
weight
0.2
kg
cooling method
free air convection or forced air
(see derating curves below)
MATING CONNECTORS
parameter
conditions/description
ac input (CN1)
mates with Molex housing 09-50-7031 with Molex 2878 series crimp contact
dc output (CN2)
mates with Molex housing 09-50-7061 with Molex 2878 series crimp contact
DERATING CURVES
Ambient Temperature (°C)
0
40
0
60
70
80
90
100
0
80
100
0
70
90
100
10
20
30
40
50
60
010
20
30
40
50
60
0
85
90
264
Ambient Temperature (°C)
Input Votage (Vac)
Convection
Forced air (1m/s) (200 LFM)
2
1
Convection
Forced air (1m/s) (200 LFM)
2
1
2
1
2
1
MOUNTING METHOD
(performace evaluations conducted under this mounting method)
Horizontal
1. output power vs. ambient temperature
2. output power vs. input voltage
a. 3.3, 5 V models
all models
b. all other models



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com