Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-80-5 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-80-5
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-80-5 Datasheet(HTML) 1 Page - CUI INC

  VOF-80-5 Datasheet HTML 1Page - CUI INC VOF-80-5 Datasheet HTML 2Page - CUI INC VOF-80-5 Datasheet HTML 3Page - CUI INC VOF-80-5 Datasheet HTML 4Page - CUI INC VOF-80-5 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
06/06/2011
page
1 of 5
SERIES:
VOF-80
│ DESCRIPTION: AC-DC POWER SUPPLY
Notes:
1. Ripple & noise are measured at 20 MHz BW with 0.1 μF ceramic and 10 μF electrolytic capacitors on the output
PART NUMBER KEY
VOF-80 - XX
Base Number
Output Voltage
FEATURES
• Up to 80 W continuous power
• <0.5W no load power consumption
• Industry standard footprint
• Universal input (85-264 Vac)
• Single output from 3.3 to 48V
• User trimmable output voltage
• 3000V isolation
• Over current, over voltage, and short circuit protections
• UL/cUL and TUV 60950-1 safety approvals
• Efficiency up to 89%
RoHS
MODEL
output
voltage
output
current
output
power
ripple1
and noise
efficiency
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-80-3.3
3.3
10
33
120
75
VOF-80-5
5
10
50
120
76
VOF-80-12
12
6.66
80
120
85
VOF-80-15
15
5.33
80
150
86
VOF-80-24
24
3.33
80
240
87
VOF-80-48
48
1.66
80
480
89


Similar Part No. - VOF-80-5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-80-5 CUI-VOF-80-5 Datasheet
417Kb / 4P
switching power supply
VOF-80-5 CUI-VOF-80-5 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - VOF-80-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com