Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLD1 Datasheet(PDF) 44 Page - ITT Industries

Part # DLD1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD1 Datasheet(HTML) 44 Page - ITT Industries

Back Button DLD1 Datasheet HTML 40Page - ITT Industries DLD1 Datasheet HTML 41Page - ITT Industries DLD1 Datasheet HTML 42Page - ITT Industries DLD1 Datasheet HTML 43Page - ITT Industries DLD1 Datasheet HTML 44Page - ITT Industries DLD1 Datasheet HTML 45Page - ITT Industries DLD1 Datasheet HTML 46Page - ITT Industries DLD1 Datasheet HTML 47Page - ITT Industries DLD1 Datasheet HTML 48Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
43
ZIF Connectors
Accessories
Accessories
Cannon offers a wide selection of
accessories that allow the design
engineers to configure the product for
their exacting needs. The accessories range from
the simple actuating handle to junction and
backshells, as well as polarizing posts and
protective covers for the contacts.
Actuating handles are the same for the DL1/2/3
and DLM1/2/3 series. The DL5/DLM5 and DLM6
series have specific handles. Handles are sold
separately since many applications require the
connector to be attached or removed only by an
authorized technician.
Plastic junction shells are available for the
DL1/2/3 series for encasement of the crimp
contacts after complete installation into the
connector. These shells also make it possible for
the DL to be used as a cable-to-cable mating
connector as they can be used both on the plug
and the receptacle. The DL1/2/3 plastic junction
shells have optional secondary cable entry
capability by removing the molded in cable entry
plugs. Cable clamp kits are available to affix the
cable to the second entry. This second entry option
is very useful in applications where the large wire
sizes make the cable diameter too large to be
handled from a single entry port.
Metal Backshells are available for the entire
DL/DLM series. The metal backshells are
constructed from die cast aluminum with a nickel
plating to facilitate in EMI/RFI shielding of the
connector system. Shielding has become a driving
force because of ever increasing stringent EMI/RFI
regulations.
Polarizing posts are available to offer a keying
feature for both the DL and DLM connectors. The
polarizing posts can be installed in specific
orientation so that plugs of the same size
connectors can only be mated in predetermined
receptacles. This feature offers the designer the
ability to fool-proof the attachment possibilities to
protect accidental damage to the system.
Protective covers of plastic and anti-static rubber
are available to offer contact protection from
physical damage or dust. Since the DL series has a
high density of contacts in an exposed area, these
covers are very useful for many applications. For
example: where systems have multiple
connectors; when the connections are often left
unattached; or when the system parts are put into
storage.
Accessories Selection Guide
Protective
Covers
Connector
Series
Actuating
Handles
see page 47
Metal Shell
EMI/RFI
Shielding
see page 49
Plastic
Junction
Shell
see page 46
Cable
Clamps
see page 46
Metal
Backshell
see pages 44-45
Polarizing
Posts
see page 48
Rubber
see page 47
Plastic
see page 47
DL1-156
–
DL2-96
–
DL3-60
–
DL4-624
–
––––––
DL4-1248
–
––––––
DL4-2496
–
––––––
DL5-260
––
––
DLM1-156
–
DLM2-96
–
DLM3-60
–
DLM5-260
–––––
DLM6-360
–––––
DLD1-156
––––––––
DLD2-96
––––––––
Compatible
– Not Compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com