Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLD1 Datasheet(PDF) 6 Page - ITT Industries

Part # DLD1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD1 Datasheet(HTML) 6 Page - ITT Industries

Back Button DLD1 Datasheet HTML 2Page - ITT Industries DLD1 Datasheet HTML 3Page - ITT Industries DLD1 Datasheet HTML 4Page - ITT Industries DLD1 Datasheet HTML 5Page - ITT Industries DLD1 Datasheet HTML 6Page - ITT Industries DLD1 Datasheet HTML 7Page - ITT Industries DLD1 Datasheet HTML 8Page - ITT Industries DLD1 Datasheet HTML 9Page - ITT Industries DLD1 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
5
ZIF Connectors
DLM
DLM Product Introduction
CannonhasexpandedtheDL-ZIFSeries
offering with the addition of the DLM
(Metal Shell) versions. The DLM uses a
rugged nickel plated aluminum housing. The
Shield-Locking Mechanism feature (see
illustration below) ensures uniform mating
pressure around the perimeter of the mated
connector to create an EMI/RFI shield. Facilitates
compliance of equipment to CE EMC directives.
Materials and Finishes
DLM1/2/3/5/6 Housing
Aluminum alloy, nickel plated
DLM1/2/3/5/6 Insulator
Glass filled thermoplastic, UL 94V-0 rated, Color: Black
Crimp Contact*
Copper alloy, 50
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
Copper alloy, 20
µ inches gold over 50µ inches nickel in mating area, tin lead on balance
Square Post Contact
Copper alloy, 50
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
Copper alloy, 20
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
PC/RC Contact
Copper alloy, 20
µ inches gold over nickel in mating area, tin lead on balance
Actuating Camshaft
Stainless steel, Passivated
Insulator Retainer (Plug Only)
Stainless steel, Passivated
* Order crimp contacts separately, see pages 52-53.
The DLM1/2/3 connectors are an extension of the
DL line, similar to the current DLM5 and DLM6
products.The DLM series connectors are inter-
mateable to the DL (Plastic) versions for
backwards/forwards compatibility.
The DLM Series are offered with the 3,18(.125)
long 0,64(.025) square post 50
µ inch gold
contacts, as well as the 4,50(.177) long
X 0,50(.020) PC/RC round tail contacts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com