Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL4 Datasheet(PDF) 20 Page - ITT Industries

Part # DL4
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL4 Datasheet(HTML) 20 Page - ITT Industries

Back Button DL4 Datasheet HTML 16Page - ITT Industries DL4 Datasheet HTML 17Page - ITT Industries DL4 Datasheet HTML 18Page - ITT Industries DL4 Datasheet HTML 19Page - ITT Industries DL4 Datasheet HTML 20Page - ITT Industries DL4 Datasheet HTML 21Page - ITT Industries DL4 Datasheet HTML 22Page - ITT Industries DL4 Datasheet HTML 23Page - ITT Industries DL4 Datasheet HTML 24Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
19
ZIF Connectors
DLD1
DLD1 — Plastic Body — 156 Pin Connectors — Crimp Contacts
Plug
Receptacle
Part Number
Nomenclature
111496-0000
DLD1-156P
Part Number
Nomenclature
111497-0004
DLD1-156R
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 66.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
For assembly dimensions and mating
sequence, see page 70.
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 66.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
For assembly dimensions and mating
sequence, see page 70.
108,00 (4.255)
92,26 (3.631)
24,90 (.980)
100,03 (3.938)
16,26 (.640)
4X Ø 3,03
(.119)
7,92 (.312)
23,10 (.910)
6,35 (.250)
20,10 (.792)
92,10 (3.626)
92,00 (3.622)
100,03 (3.938)
16,26 (.640)
24,90 (.980)
127,81 (5.032) REF
108,00 (4.255)
7,75 (.305)
6,35 (.250)
46,86
(1.845)
2,03 (.080) REF
3,18 (.125) REF
CAM, ACTUATOR
RECEPTACLE CONNECTOR
ASSEMBLY
4X SCREW, SPRING
MOUNTING
FRONT MOUNTING
PLATE-ASSEMBLY
[SUPPLIED BY CUSTOMER]
REAR PANEL, MOUNTING
[STATIONARY]
[SUPPLIED BY CUSTOMER]
4X SPRING,
COMPRESSION
NO. 4-40 UNC SCREW
[SUPPLIED BY CUSTOMER]
20,32 (.800)
20,10 (.792)
92,10 (3.626)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com