Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL4 Datasheet(PDF) 56 Page - ITT Industries

Part # DL4
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL4 Datasheet(HTML) 56 Page - ITT Industries

Back Button DL4 Datasheet HTML 52Page - ITT Industries DL4 Datasheet HTML 53Page - ITT Industries DL4 Datasheet HTML 54Page - ITT Industries DL4 Datasheet HTML 55Page - ITT Industries DL4 Datasheet HTML 56Page - ITT Industries DL4 Datasheet HTML 57Page - ITT Industries DL4 Datasheet HTML 58Page - ITT Industries DL4 Datasheet HTML 59Page - ITT Industries DL4 Datasheet HTML 60Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
55
ZIF Connectors
Tools and Assembly
Hand Crimp Tool
Hand Crimp Tool with Replaceable Jaw Set
Hand
Tool
Description
Part Number
1
CHTDLT 28-32
112108-0002
2
CHTDLT 20-26
112108-0001
3
CHTDLT 18-20
112108-0000
Crimp Tensile Strength
Crimp tensile strength is a measure of how hard a
wire can be pulled without breaking or separating
from the contact. This is the best way to verify that
the wire is properly terminated to the contact.
Periodic
crimp
tensile
measurements
are
recommended to insure the integrity of the crimp.
The table below contains the appropriate values for
DL crimp contacts.
Wire Trim Dimension
Wire Size (AWG)
32
30
28
26
24
22
20
18
Tensile Min. (lbs)
1
1.5
3
7
10
15
19
30
Wire Trim Dimension ‘‘A’’
3,30 (.130)
3,30 (.130)
3,30 (.130)
3,30 (.130)
3,30 (.130)
3,30 (.130)
4,06 (.160)
4,06 (.160)
Insulation Dia. Max.
1,35 (.053)
1,35 (.053)
1,35 (.053)
1,65 (.065)
1,65 (.065)
1,88 (.074)
1,88 (.074)
1,88 (.074)
Extraction Tool — Crimp, Square Post, PC/RC Contacts
CET-DL10
CET-ECP
CET-ECP-1
Description
Part Number
Contact Type
PC Tail Extension
CET-DL10
274-7029-007
Crimp
CET-ECP
274-7045-000
Wrap Post
15,37 (.605)
CET-ECP-1
274-7045-001
Square Post
7,11 (.280)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com