Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G125GD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC2G125GD
Description  Dual bus buffer/line driver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G125GD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2G125GD Datasheet HTML 4Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 5Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 6Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 7Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 8Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 9Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 10Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 11Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
74LVC2G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 12 — 1 December 2011
8 of 22
NXP Semiconductors
74LVC2G125
Dual bus buffer/line driver; 3-state
11. Dynamic characteristics
[1]
Typical values are measured at nominal VCC and at Tamb = 25 C.
[2]
tpd is the same as tPLH and tPHL.
[3]
ten is the same as tPZH and tPZL.
[4]
tdis is the same as tPLZ and tPHZ.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi  N + (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.0
3.7
9.1
1.0
11.4
ns
VCC = 2.3 V to 2.7 V
0.5
2.5
4.8
0.5
6.0
ns
VCC = 2.7 V
1.0
2.7
4.8
1.0
6.0
ns
VCC = 3.0 V to 3.6 V
0.5
2.3
4.3
0.5
5.5
ns
VCC = 4.5 V to 5.5 V
0.5
1.9
3.7
0.5
4.6
ns
ten
enable time
nOE to nY; see Figure 8
[3]
VCC = 1.65 V to 1.95 V
1.5
4.3
9.9
1.5
12.4
ns
VCC = 2.3 V to 2.7 V
1.0
2.8
5.6
1.0
7.0
ns
VCC = 2.7 V
1.5
3.3
5.7
1.5
7.1
ns
VCC = 3.0 V to 3.6 V
0.5
2.4
4.7
0.5
5.9
ns
VCC = 4.5 V to 5.5 V
0.5
2.0
3.8
0.5
4.8
ns
tdis
disable time
nOE to nY; see Figure 8
[4]
VCC = 1.65 V to 1.95 V
1.0
3.5
11.6
1.0
14.1
ns
VCC = 2.3 V to 2.7 V
0.5
1.8
5.8
0.5
7.6
ns
VCC = 2.7 V
1.0
2.7
4.8
1.0
6.2
ns
VCC = 3.0 V to 3.6 V
1.0
2.7
4.6
1.0
5.9
ns
VCC = 4.5 V to 5.5 V
0.5
1.8
3.4
0.5
4.6
ns
CPD
power dissipation
capacitance
per buffer; VI = GND to VCC
[5]
output enabled
-
18
-
-
-
pF
output disabled
-
5
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com