Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G125GD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2G125GD
Description  Dual bus buffer/line driver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G125GD Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2G125GD Datasheet HTML 1Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 2Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 3Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 4Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 5Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 6Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 7Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 8Page - NXP Semiconductors 74LVC2G125GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
74LVC2G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 12 — 1 December 2011
3 of 22
NXP Semiconductors
74LVC2G125
Dual bus buffer/line driver; 3-state
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna941
2A
1A
2OE
1OE
1Y
2Y
74LVC2G125
001aae009
1
2
EN1
EN2
74LVC2G125
Fig 3.
Pin configuration SOT505-2 and SOT765-1
Fig 4.
Pin configuration SOT833-1, SOT1089,
SOT1116 and SOT1203
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
001aab738
1
2
3
4
6
5
8
7
74LVC2G125
74LVC2G125
1Y
2OE
VCC
2A
2Y
1A
1OE
GND
001aab739
36
27
18
45
Transparent top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com