Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF05PUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STEF05PUR
Description  Electronic fuse for 5 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05PUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STEF05PUR Datasheet HTML 9Page - STMicroelectronics STEF05PUR Datasheet HTML 10Page - STMicroelectronics STEF05PUR Datasheet HTML 11Page - STMicroelectronics STEF05PUR Datasheet HTML 12Page - STMicroelectronics STEF05PUR Datasheet HTML 13Page - STMicroelectronics STEF05PUR Datasheet HTML 14Page - STMicroelectronics STEF05PUR Datasheet HTML 15Page - STMicroelectronics STEF05PUR Datasheet HTML 16Page - STMicroelectronics STEF05PUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
STEF05
Typical performance characteristics
Doc ID 019055 Rev 4
13/20
Figure 13.
Current limit vs. RLimit
Figure 14.
Thermal latch delay vs. power
Figure 15.
VOUT ramp-up vs. Enable
Figure 16.
VOUT clamping
VCC = 15 V, CIN = 10 µF, COUT = 100 µF, RLIMIT = 22 Ω, No
Cdv/dt
VCC = 15 V, CIN = 10 µF, COUT = 100 µF, RLIMIT = 22 Ω, No
Cdv/dt
Figure 17.
Line transient
Figure 18.
Startup into output short-circuit
VCC = from 5 to 15 V RLIMIT = 22 Ω; IOUT = 500 mA, TRISE =
100 µs
VCC = 5 V, RLIMIT = 22 Ω, VOUT = Connected to GND
AM09878v1
0.00
1.00
2.00
3.00
4.00
5.00
6.00
010
20
3040506070
80
External Sense Resistor (
Ω )
ILIM
ISHORT
VCC = 5 V, T = 25
°C
AM09879v1
1
10
100
010
20
30405060
Power (W)
T = 25
°C
T = 55
°C
T = 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com