Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF05PUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STEF05PUR
Description  Electronic fuse for 5 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05PUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STEF05PUR Datasheet HTML 12Page - STMicroelectronics STEF05PUR Datasheet HTML 13Page - STMicroelectronics STEF05PUR Datasheet HTML 14Page - STMicroelectronics STEF05PUR Datasheet HTML 15Page - STMicroelectronics STEF05PUR Datasheet HTML 16Page - STMicroelectronics STEF05PUR Datasheet HTML 17Page - STMicroelectronics STEF05PUR Datasheet HTML 18Page - STMicroelectronics STEF05PUR Datasheet HTML 19Page - STMicroelectronics STEF05PUR Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
STEF05
Revision history
Doc ID 019055 Rev 4
19/20
8
Revision history
Table 8.
Document revision history
Date
Revision
Changes
15-Jul-2011
1
Initial release.
08-Aug-2011
2
Modified definition for Top in Table 3: Absolute maximum ratings.
15-Dec-2011
3
Removed Vdv/dt and Idv/dt rows from dv/dt circuit Table 6 on page 6.
06-Mar-2012
4
Updated: package mechanical data
Table 7 on page 15, Figure 21
on page 16 and Figure 22 on page 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com