Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C02 Datasheet(PDF) 13 Page - Tiger Electronic Co.,Ltd

Part # 24C02
Description  Two-wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

24C02 Datasheet(HTML) 13 Page - Tiger Electronic Co.,Ltd

Back Button 24C02 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
24C02/04/08/16
13
8-lead SOP Outline Dimensions
MILLIMETER
SYMBOL
MIN
NOM
MAX
A
-
-
1.77
A1
0.08
0.18
0.28
b
0.44
-
0.53
c
0.21
-
0.26
D
4.70
4.90
5.10
E
5.80
6.00
6.20
E1
3.70
3.90
4.10
e
1.27BSC
Θ
0
-
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com