Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R25API Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # KIA78R25API
Description  1A Low Dropout Voltage Regulator With ON/OFF Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KIA78R25API Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  KIA78R25API Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KIA78R25API Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KIA78R25API Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KIA78R25API Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KIA78R25API Datasheet HTML 5Page - Tiger Electronic Co.,Ltd KIA78R25API Datasheet HTML 6Page - Tiger Electronic Co.,Ltd KIA78R25API Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX
DESCRIPTIONS:
The KIA78RXX is a low drop v o lt age regulat or s u ita ble for various ele ctronic eq u i p ment. Th e
out put current is up to 1.0A an d d r opou t v o lt age is 0.5V ty p. at Io = 1 .0A. Th is regulat or
has vari ous functi on s u ch as pea k current pro tecti on, the r mal shut d o wn, o v er v o lta ge
protect io n and out put disabl e fun ctio n. Th e KIA78RXX i s a v a i l a b l e i n T O - 2 5 2 - 5 L 、
T O -220F-4 power pack age.
FEATURE S
1.0A o u tp u t low dro p volt a ge re g u lat o r.
Built in ON/OFF control terminal.
Built in ov er current p r otecti on, o v er hea t pr otect io n fu ncti on.
BLOCK DIAGRAM
TIGER ELECTRONIC CO.,LTD
1/7


Similar Part No. - KIA78R25API

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Tiger Electronic Co.,Lt...
KIA78R25API TGS-KIA78R25API Datasheet
2Mb / 7P
1A Low Dropout Voltage Regulator With ON/OFF Control
More results

Similar Description - KIA78R25API

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
logo
Tiger Electronic Co.,Lt...
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
1A Low Dropout Voltage Regulator With ON/OFF Control
logo
New Japan Radio
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com