Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS187 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 1SS187
Description  SOT23 Plastic-Encapsulated Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

1SS187 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  1SS187 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 1SS187 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-23 Plastic-Encapsulate Diodes
1SS187
Switching Diode
FEATURES
Low forward voltage
Fast reverse recovery time
MARKING: D3·
Maximum Ratings @Ta=25
℃
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak Reverse Voltage
VRM
85
V
DC Blocking Voltage
VR
80
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
100
mA
Power Dissipation
PD
150
mW
Junction Temperature
TJ
1
50
℃
Storage Temperature range
TSTG
-55
~+150
℃
Electrical Characteristics @Ta=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse breakdown voltage
V (BR)
80
V
IR=100μA
VF1
0.61
V
IF=1mA
VF2
0.74
V
IF=10mA
Forward voltage
VF3
0.92
1.2
V
IF=100mA
IR1
0.1
uA
VR=30V
Reverse current
IR2
0.5
uA
VR=80V
Capacitance between terminals
CT
2.2
4.0
pF
VR=0,f=1MHz
Reverse recovery time
t r r
1.6
4.0
ns
IF=IR=10mA,Irr=0.1×IR
SOT-23
1
2
3
A,Jun,2011
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 1SS187

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS187 TOSHIBA-1SS187 Datasheet
128Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
logo
TRANSYS Electronics Lim...
1SS187 TEL-1SS187 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
logo
Toshiba Semiconductor
1SS187 TOSHIBA-1SS187 Datasheet
188Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS187 BILIN-1SS187 Datasheet
370Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS187 KEXIN-1SS187 Datasheet
34Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
More results

Similar Description - 1SS187

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS187 TEL-1SS187 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
Plastic-Encapsulated Diodes
BAS16T TEL-BAS16T Datasheet
74Kb / 2P
Plastic-Encapsulated Diodes
BAS19LT1 TEL-BAS19LT1 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
BAV70LT1 TEL-BAV70LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
BAV199LT1 TEL-BAV199LT1 Datasheet
62Kb / 1P
Plastic-Encapsulated Diodes
MC2836 TEL-MC2836 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
MMBD914LT1 TEL-MMBD914LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
MMBD4148A TEL-MMBD4148A Datasheet
103Kb / 1P
Plastic-Encapsulated Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com