Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1383 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SC1383
Description  TO-92L Plastic-Encapsulate Transistors (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SC1383 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SC1383 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2SC1383 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 2SC1383 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-92L Plastic-Encapsulate Transistors
2SC1383
TRANSISTOR (NPN)
2SC1384
FEATURES
Low collector to emitter saturation voltage VCE(sat).
Complementary pair with 2SA0683 and 2SA0684.
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Tamb=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
2SC1383
2SC1384
V(BR)CBO
IC=10μA ,IE=0
30
60
V
Collector-emitter breakdown voltage 2SC1383
2SC1384
V(BR)CEO
IC=2mA , IB=0
25
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=20V, IE=0
0.1
μA
hFE(1)
VCE=10V, IC=500mA
85
340
DC current gain
hFE(2)
VCE=5V, IC=1A
50
Collector-emitter saturation voltage
VCE(sat)
IC=500m A,IB=50mA
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC=500mA,IB=50mA
1.2
V
Transition frequency
fT
VCE=10V,IC=50mA
200
MHz
CLASSIFICATION OF hFE(1)
Rank
Q
R
S
Range
85-170
120-240
170-340
1 2 3
Symbol
Parameter
2SC1383
2SC1384
Units
VCBO
Collector-Base Voltage
30
60
V
VCEO
Collector-Emitter Voltage
25
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current –Continuous
1
A
PC
Collector Power Dissipation
1
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
TO-92L
1.EMITTER
2.COLLECTOR
3.BASE
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SC1383

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
logo
Weitron Technology
2SC1383 WEITRON-2SC1383 Datasheet
314Kb / 5P
NPN General Purpose Transistors
logo
TRANSYS Electronics Lim...
2SC1383 TEL-2SC1383 Datasheet
62Kb / 1P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC1383 SECOS-2SC1383 Datasheet
146Kb / 3P
NPN Silicon General Purpose Transistor
logo
Daya Electric Group Co....
2SC1383 DAYA-2SC1383 Datasheet
174Kb / 3P
TO-92L Plastic-Encapsulate Transistors
More results

Similar Description - 2SC1383

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SC2236 TGS-2SC2236 Datasheet
257Kb / 1P
TO-92L Plastic-Encapsulate Transistors (NPN)
logo
Jiangsu Changjiang Elec...
2SB649 JIANGSU-2SB649 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
2SC1383 JIANGSU-2SC1383 Datasheet
4Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2500 JIANGSU-2SC2500 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
3DG8051 JIANGSU-3DG8051 Datasheet
3Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1274 JIANGSU-KTA1274 Datasheet
8Mb / 5P
TO-92L Plastic-Encapsulate Transistors
KTC3207 JIANGSU-KTC3207 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2383L DGNJDZ-2SC2383L Datasheet
1Mb / 5P
TO-92L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com