Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1383 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SC1383 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SC1383
Download  2SC1383 Download
File Size   146.01 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Silicon General Purpose Transistor

2SC1383 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1383 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SC1383
Download  2SC1383 Click to download

File Size   146.01 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Silicon General Purpose Transistor

2SC1383 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SC1383 Product details

FEATURE
   Power dissipation
      PCM: 1 W (Tamb=25℃)
   Collector current
      ICM: 1 A
   Collector-base voltage
   V(BR)CBO: 2SC1383: 30 V
                       2SC1384: 50 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2SC1383

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
logo
Weitron Technology
2SC1383 WEITRON-2SC1383 Datasheet
314Kb / 5P
NPN General Purpose Transistors
logo
TRANSYS Electronics Lim...
2SC1383 TEL-2SC1383 Datasheet
62Kb / 1P
Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
2SC1383 DAYA-2SC1383 Datasheet
174Kb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
2SC1383 TGS-2SC1383 Datasheet
200Kb / 3P
TO-92L Plastic-Encapsulate Transistors (NPN)
More results


Similar Description - 2SC1383

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com