Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1383 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1383
Description  NPN Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1383 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1383 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1383 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC1383 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SC1383/2SC1384
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
6.0±0.2
1.0±0.1
4.9±0.2
3.0±0.1
(1.50 Typ.)
0.50+0.1
–0.1
0.45+0.1
–0.1
1
3
2
1: Emitter
2: Collector
3: Base
TO-92 MOD
Unit: mm
FEATURE
Power dissipation
PCM:
1 W (Tamb=25
℃)
Collector current
ICM:
1 A
Collector-base voltage
V(BR)CBO:
2SC1383:
30
V
2SC1384:
50
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
2SC1383
2SC1384
V(BR)CBO
Ic= 10
µA , I
E=0
30
60
V
Collector-emitter breakdown voltage
2SC1383
2SC1384
V(BR)CEO
IC=2mA ,
IB=0
25
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=20V ,
IE=0
0.1
µA
hFE(1)
VCE=10 V,
IC= 500mA
85
340
DC current gain
hFE(2)
VCE=5 V,
IC= 1A
50
Collector-emitter saturation voltage
VCE(sat)
IC= 500m A, IB=50mA
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC= 500mA ,
IB= 50mA
1.2
V
Transition frequency
f T
VCE= 10 V, IC= 50mA
100
MHz
CLASSIFICATION OF hFE(1)
Rank
Q
R
S
Range
85-170
120-240
170-340
1.9 –0.1
+0.1
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SC1383

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
logo
Weitron Technology
2SC1383 WEITRON-2SC1383 Datasheet
314Kb / 5P
NPN General Purpose Transistors
logo
TRANSYS Electronics Lim...
2SC1383 TEL-2SC1383 Datasheet
62Kb / 1P
Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
2SC1383 DAYA-2SC1383 Datasheet
174Kb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
2SC1383 TGS-2SC1383 Datasheet
200Kb / 3P
TO-92L Plastic-Encapsulate Transistors (NPN)
More results

Similar Description - 2SC1383

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com