Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1383 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1383
Description  NPN Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1383 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SC1383 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1383 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC1383 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
2SC1383/2SC1384
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
PC  Ta
IC  VCE
IC  IB
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
fT  IE
Cob  VCB
VCER  RBE
0
160
40
120
80
0
1.2
1.0
0.8
0.6
0.4
0.2
Ambient temperature T
a (°C)
010
8
26
4
0
1.50
1.25
1.00
0.75
0.50
0.25
IB
= 10 mA
9 mA
8 mA
7 mA
6 mA
5 mA
4 mA
3 mA
2 mA
1 mA
Ta
= 25°C
Collector-emitter voltage V
CE (V)
012
10
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
VCE
= 10 V
Ta
= 25°C
Base current I
B (mA)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (A)
0.01
0.1
1
10
0.01
0.1
1
10
100
IC / IB
= 10
Ta
= −25°C
25
°C
75
°C
Collector current I
C (A)
0.01
0.1
1
10
0
600
500
400
300
200
100
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (A)
−1
−10
−100
0
200
160
120
80
40
VCB
= 10 V
Ta
= 25°C
Emitter current I
E (mA)
1
10
100
0
50
40
30
20
10
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
0.1
1
10
100
0
120
100
80
60
40
20
IC
= 10 mA
Ta
= 25°C
2SC1384
2SC1383
Base-emitter resistance R
BE (kΩ)
01-Jun-2002 Rev. A
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com