Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2078 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SC2078
Description  27MHz RF Power Amplifier Applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SC2078 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SC2078 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
l
Value
Unit
Collector-Base Voltage
V
CBO
80
V
Collector-Emitter Voltage
V
CEO
75
V
Emitter-Base Voltage
V
EBO
5.0
V
Collector Current
I
C
3.0
A
Base Current
I
B
1.5
A
Total Dissipation at
P
tot
10
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
2SC2078
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
I
CBO
V
CE=40V, IE=0
—
—
10
uA
Emitter Cut-off Current
I
EBO
V
EB=4V, IC=0
—
—
10
uA
Collector-Emitter Sustaining Voltage
V
CEO
I
C=10mA, IB=0
75
—
—
V
DC Current Gain
h
FE(1)
V
CE=5V, IC=0.5A
25
—
200
h
FE(2)
V
CE=5V, IC=1.0A
10
—
—
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=1.0A,IB=0.1A
—
—
0.6
V
Base-Emitter Saturation Voltage
V
BE(sat)
I
C=1.0A,IB=0.1A
—
—
1.2
V
Current Gain Bandwidth Product
f
T
V
CE=10V, IC=0.1A
100
150
—
MHz
Output Capacitance
C
ob
V
CB=10V,IE=0,f=1.0MHz
—
45
60
pF
27MHz RF Power Amplifier Applications
Product specification
Electrical Characteristics ( Ta = 25
℃ )
Absolute Maximum Ratings ( Ta = 25
℃ )
TO-220
h
FE Classification
Classification
B
C
D
E
h
FE1
25 ~ 50
40 ~ 80
60 ~ 120
100 ~ 200
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SC2078

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC2078 SANYO-2SC2078 Datasheet
86Kb / 3P
27MHz RF Power Amp Applications
logo
Savantic, Inc.
2SC2078 SAVANTIC-2SC2078 Datasheet
102Kb / 3P
Silicon NPN Power Transistors
2SC2078 SAVANTIC-2SC2078 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC2078 NJSEMI-2SC2078 Datasheet
129Kb / 2P
Silicon NPN Power Transistor
logo
Sanyo Semicon Device
2SC2078 SANYO-2SC2078 Datasheet
78Kb / 3P
27MHz RF Power Amplifier Applications
More results

Similar Description - 2SC2078

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC2078 SANYO-2SC2078 Datasheet
86Kb / 3P
27MHz RF Power Amp Applications
2SC2314 SANYO-2SC2314 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications?
2SC4272 SANYO-2SC4272 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications
2SC4735 SANYO-2SC4735 Datasheet
91Kb / 3P
27MHz CB Transceiver Driver Applications
logo
Advanced Power Technolo...
SRF4427 ADPOW-SRF4427 Datasheet
64Kb / 3P
RF AND MICROWAVE DISCRETE LOW POWER TRANSISTORS GENERAL RF AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
S-AV33A TOSHIBA-S-AV33A Datasheet
185Kb / 5P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32W COMMERCIAL VHF RADIO APPLICATIONS
S-AV40 TOSHIBA-S-AV40 Datasheet
180Kb / 6P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 30W COMMERCIAL VHF RADIO APPLICATIONS
logo
Sanyo Semicon Device
2SK715 SANYO-2SK715_12 Datasheet
487Kb / 7P
AM Tuner, RF Amplifier Applications
2SC2314 SANYO-2SC2314_19 Datasheet
98Kb / 4P
27MHz CB Transceiver Driver Applications
2SC2078 SANYO-2SC2078_04 Datasheet
78Kb / 3P
27MHz RF Power Amplifier Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com