Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC327 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BC327
Description  TO-92 Plastic-Encapsulate Transistors (PNP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BC327 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BC327 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulate Transistors
BC327/ BC328
TRANSISTOR (PNP)
FEATURES
Power dissipation
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BC327
BC328
-50
-30
V
VCEO
Collector-Emitter Voltage
BC327
BC328
-45
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-800
mA
PC
Collector Power Dissipation
625
mW
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
T
yp
Max
Unit
Collector-base breakdown voltage
BC327
BC328
VCBO
IC= -100uA, IE=0
-50
-30
V
Collector-emitter breakdown voltage
BC327
BC328
VCEO
IC= -10mA ,
IB=0
-45
-25
V
Emitter-base breakdown voltage
VEBO
IE= -10uA, IC=0
-5
V
Collector cut-off current
BC327
BC328
ICBO
VCB= -45 V ,
IE=0
VCB= -25V ,
IE=0
-0.1
-0.1
uA
Collector cut-off current
BC327
BC328
ICEO
VCE= -40 V ,
IB=0
VCE= -20 V ,
IB=0
-0.2
-0.2
uA
Emitter cut-off current
IEBO
VEB= -4 V ,
IC=0
-0.1
uA
hFE(1)
VCE=-1 V,
IC= -100mA
100
630
DC current gain
hFE(2)
VCE=-1 V,
IC= -300mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB= -50mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= -500mA, IB=-50mA
-1.2
V
Base-emitter voltage
VBE
VCE=-1 V, IC= -300mA
-1.2
V
Transition frequency
fT
VCE= -5V, IC= -10mA
f = 100MHz
260
MHz
Collector Output Capacitance
Cob
VCB=-10V,IE=0
f=1MHZ
12
pF
CLASSIFICATION OF hFE
Rank
16
25
40
Range
100-250
160-400
250-630
TO-92
1. COLLECTOR
2.BASE
3. EMITTER
A,May,2011
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BC327

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC327 MOTOROLA-BC327 Datasheet
160Kb / 4P
Amplifier Transistors(PNP)
logo
NXP Semiconductors
BC327 PHILIPS-BC327 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC327 SEMTECH-BC327 Datasheet
424Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC327 FAIRCHILD-BC327 Datasheet
92Kb / 4P
PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC327

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
2SA950 TGS-2SA950 Datasheet
259Kb / 2P
TO-92 Plastic-Encapsulate Transistors (PNP)
KTA1266 TGS-KTA1266 Datasheet
326Kb / 1P
TO-92 Plastic-Encapsulate Transistors (PNP)
KTA1271 TGS-KTA1271 Datasheet
102Kb / 1P
TO-92 Plastic-Encapsulate Transistors (PNP)
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
SS8550 TGS-SS8550 Datasheet
576Kb / 2P
TO-92 Plastic-Encapsulate Transistors (PNP)
logo
Shenzhen Luguang Electr...
2N4403 LUGUANG-2N4403 Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate PNP Transistors
Revision:20170701-P1
2N6520 LUGUANG-2N6520 Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate PNP Transistors
Revision:20170701-P1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com