Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8550 Datasheet (PDF) - Tiger Electronic Co.,Ltd

SS8550 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # SS8550
Download  SS8550 Download
File Size   576.97 Kbytes
Page   2 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description TO-92 Plastic-Encapsulate Transistors (PNP)

SS8550 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS8550 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # SS8550
Download  SS8550 Click to download

File Size   576.97 Kbytes
Page   2 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description TO-92 Plastic-Encapsulate Transistors (PNP)

SS8550 Datasheet (HTML) - Tiger Electronic Co.,Ltd


SS8550 Product details

FEATURES
   Power dissipation
     PC : 1 W (Ta=25℃)




Similar Part No. - SS8550

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8550 FAIRCHILD-SS8550 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Weitron Technology
SS8550 WEITRON-SS8550 Datasheet
106Kb / 4P
Plastic-Encapsulate Transistors PNP Silicon
logo
Galaxy Semi-Conductor H...
SS8550 BILIN-SS8550 Datasheet
196Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Daya Electric Group Co....
SS8550 DAYA-SS8550 Datasheet
143Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
SS8550 SECOS-SS8550 Datasheet
335Kb / 2P
PNP Silicon General Purpose Transistor
More results


Similar Description - SS8550

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
2SA950 TGS-2SA950 Datasheet
259Kb / 2P
TO-92 Plastic-Encapsulate Transistors (PNP)
BC327 TGS-BC327 Datasheet
241Kb / 1P
TO-92 Plastic-Encapsulate Transistors (PNP)
KTA1266 TGS-KTA1266 Datasheet
326Kb / 1P
TO-92 Plastic-Encapsulate Transistors (PNP)
KTA1271 TGS-KTA1271 Datasheet
102Kb / 1P
TO-92 Plastic-Encapsulate Transistors (PNP)
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Shenzhen Luguang Electr...
2N4403 LUGUANG-2N4403 Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate PNP Transistors
Revision:20170701-P1
2N6520 LUGUANG-2N6520 Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate PNP Transistors
Revision:20170701-P1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com