Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8550 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # SS8550
Description  TO-92 Plastic-Encapsulate Transistors (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SS8550 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  SS8550 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SS8550 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Plastic-Encapsulate Transistors
SS8550 TRANSISTOR (PNP)
FEATURES
Power dissipation
PC : 1 W (Ta=25 )
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-1.5
A
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100uA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-0.1mA, IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-40V, IE=0
-0.1
μA
Emitter cut-off current
ICEO
VCE=-20V, IE=0
-0.
1
μA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
uA
hFE(1)
VCE=-1V, IC=-100mA
85
400
DC current gain
hFE(2)
VCE=-1V, IC=-800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-800mA, IB=-80mA
-0.
5
V
Base-emitter saturation voltage
VBE(sat)
IC=-800mA, IB=-80mA
-1.2
V
Base-emitter voltage
VBE(on)
VCE=-1V, IC=-10mA
-1
V
Out capacitance
Cob
VCB=-10V, IE=0mA,f=1MHZ
20
pF
Transition frequency
fT
VCE=-10V, IC=-50mA,f=30MHZ
100
MHz
CLASSIFICATION OF hFE(2)
Rank
B
C
D
D3
Range
85-160
120-200
160-300
300-400
TO-92
1. EMITTER
2. BASE
3. COLLECTOR
B,Sep,2011
℃
TIGER ELECTRONIC CO.,LTD


Similar Part No. - SS8550

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8550 FAIRCHILD-SS8550 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Weitron Technology
SS8550 WEITRON-SS8550 Datasheet
106Kb / 4P
Plastic-Encapsulate Transistors PNP Silicon
logo
Galaxy Semi-Conductor H...
SS8550 BILIN-SS8550 Datasheet
196Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Daya Electric Group Co....
SS8550 DAYA-SS8550 Datasheet
143Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
SS8550 SECOS-SS8550 Datasheet
335Kb / 2P
PNP Silicon General Purpose Transistor
More results

Similar Description - SS8550

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
2SA950 TGS-2SA950 Datasheet
259Kb / 2P
TO-92 Plastic-Encapsulate Transistors (PNP)
BC327 TGS-BC327 Datasheet
241Kb / 1P
TO-92 Plastic-Encapsulate Transistors (PNP)
KTA1266 TGS-KTA1266 Datasheet
326Kb / 1P
TO-92 Plastic-Encapsulate Transistors (PNP)
KTA1271 TGS-KTA1271 Datasheet
102Kb / 1P
TO-92 Plastic-Encapsulate Transistors (PNP)
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Shenzhen Luguang Electr...
2N4403 LUGUANG-2N4403 Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate PNP Transistors
Revision:20170701-P1
2N6520 LUGUANG-2N6520 Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate PNP Transistors
Revision:20170701-P1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com