Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8550 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # SS8550
Description  TO-92 Plastic-Encapsulate Transistors (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SS8550 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  SS8550 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SS8550 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-1
-10
-100
-1000
10
100
1000
-0
-1
-2
-3
-0
-50
-100
-150
-200
-250
-1
-10
-100
-1000
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-0.2
-0.4
-0.6
-0.8
-1.0
-1
-10
-100
-1000
-1
-10
-100
-1000
-1
-10
-100
-1000
-2
-10
-100
10
100
1000
-0.1
-1
-10
100
-1500
T
a=25
℃
-300
T
a=100
℃
COMMON EMITTER
V
CE=-1V
h
FE
——
I
C
300
30
-30
-3
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
Static Characteristic
-1.0mA
-0.7mA
-0.9mA
-0.6mA
-0.5mA
-0.8mA
-0.4mA
-0.3mA
-0.2mA
I
B=-0.1mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-1500
-300
T
a=100
℃
T
a=25
℃
β=10
-30
-3
V
BEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
℃
-1500
-300
T
a=100
℃
SS8550
Typical Characteristics
T
a=25
℃
-30
-3
COMMON EMITTER
V
CE=-1V
BASE-EMITTER VOLTAGE V
BE
(V)
-1500
-3
-300
T
a=100
℃
-300
-30
-30
-3
V
CEsat
——
I
C
β=10
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
f
T
——
I
C
300
30
-30
-6
COMMON EMITTER
V
CE= -10V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
V
CB
/ V
EB
30
10
I
C
——
V
BE
C
ob
C
ib
-0.3
-20
-3
f=1MHz
I
E=0/IC=0
T
a=25
℃
C
ob
/ C
ib
——
REVERSE BIAS VOLTAGE V (V)
B,Sep,2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com