Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSM181F Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BSM181F
Description  SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM181F Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BSM181F Datasheet HTML 1Page - Siemens Semiconductor Group BSM181F Datasheet HTML 2Page - Siemens Semiconductor Group BSM181F Datasheet HTML 3Page - Siemens Semiconductor Group BSM181F Datasheet HTML 4Page - Siemens Semiconductor Group BSM181F Datasheet HTML 5Page - Siemens Semiconductor Group BSM181F Datasheet HTML 6Page - Siemens Semiconductor Group BSM181F Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
69
Typ. capacitances
C = f (V
DS)
parameter:
V
GS = 0,
f = 1 MHz (spread)
Forward characteristics of fast-recovery
reverse diode
I
F = f (VSD)
parameter:
T
j, tp = 80 µs (spread)
Typ. reverse recovery charge
Q
rr = f (Tj)
parameter: d
i/dt = 100 A/
µs, I
F = 34 A
V
R = 100 V
BSM 181 F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com