Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSM181F Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BSM181F
Description  SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM181F Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSM181F Datasheet HTML 1Page - Siemens Semiconductor Group BSM181F Datasheet HTML 2Page - Siemens Semiconductor Group BSM181F Datasheet HTML 3Page - Siemens Semiconductor Group BSM181F Datasheet HTML 4Page - Siemens Semiconductor Group BSM181F Datasheet HTML 5Page - Siemens Semiconductor Group BSM181F Datasheet HTML 6Page - Siemens Semiconductor Group BSM181F Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
66
Electrical Characteristics (cont’d)
at
T
j = 25 ˚C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Fast-recovery reverse diode
Continuous reverse drain current
T
C = 25
˚C
I
S
––34
A
Pulsed reverse drain current
T
C = 25
˚C
I
SM
–
–
136
Diode forward on-voltage
I
F = 68 A , VGS = 0
V
SD
–
1.6
2
V
Reverse recovery time
I
F = IS, diF/dt = 100 A/ µs, VR = 100 V
t
rr
300
–
ns
Reverse recovery charge
I
F = IS, diF/dt = 100 A/ µs, VR = 100 V
T
j = 25 ˚C
T
j = 150 ˚C
Q
rr
–
–
3
16
–
–
µC
BSM 181 F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com