Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSM181R Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BSM181R
Description  SIMOPAC Module (Power module Single switch N channel Enhancement mode)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM181R Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BSM181R Datasheet HTML 1Page - Siemens Semiconductor Group BSM181R Datasheet HTML 2Page - Siemens Semiconductor Group BSM181R Datasheet HTML 3Page - Siemens Semiconductor Group BSM181R Datasheet HTML 4Page - Siemens Semiconductor Group BSM181R Datasheet HTML 5Page - Siemens Semiconductor Group BSM181R Datasheet HTML 6Page - Siemens Semiconductor Group BSM181R Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
61
Continuous drain current
I
D = f (TC)
parameter:
V
GS ≥ 10 V, T j = 150 ˚C
Drain source on-state resistance
R
DS(on) =
f (T
j)
parameter:
I
D = 36 A; VGS = 10 V, (spread)
Drain-source breakdown voltage
V
(BR)DSS (Tj) = b × V(BR)DSS
(25 ˚C)
Typical capacitances
C = f (V
DS)
parameter:
V
GS = 0,
f = 1 MHz
BSM 181
BSM 181 R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com