Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSM181R Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BSM181R
Description  SIMOPAC Module (Power module Single switch N channel Enhancement mode)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM181R Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BSM181R Datasheet HTML 1Page - Siemens Semiconductor Group BSM181R Datasheet HTML 2Page - Siemens Semiconductor Group BSM181R Datasheet HTML 3Page - Siemens Semiconductor Group BSM181R Datasheet HTML 4Page - Siemens Semiconductor Group BSM181R Datasheet HTML 5Page - Siemens Semiconductor Group BSM181R Datasheet HTML 6Page - Siemens Semiconductor Group BSM181R Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
57
03.96
Type
Ordering Code
BSM 181
C67076-A1001-A2
BSM 181 R
C67076-A1016-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain-source voltage
V
DS
800
V
Drain-gate voltage,
R
GS = 20 kΩ
V
DGR
800
Gate-source voltage
V
GS
± 20
Continuous drain current,
T
C = 25 ˚C
I
D
36
A
Pulsed drain current,
T
C = 25 ˚C
I
D puls
144
Operating and storage temperature range
T
j, Tstg
– 55 … + 150
˚C
Power dissipation,
T
C = 25 ˚C
P
tot
700
W
Thermal resistance
Chip-case
R
th JC
≤ 0.18
K/W
Insulation test voltage2),
t = 1 min.
V
is
2500
V
ac
Creepage distance, drain-source
–
16
mm
Clearance, drain-source
–
11
DIN humidity category, DIN 40 040
–
F
–
IEC climatic category, DIN IEC 68-1
–
55/150/56
1)
See chapter Package Outline and Circuit Diagrams.
2)
Insulation test voltage between drain and base plate referred to standard climate 23/50 in acc. with
DIN 50 014, IEC 146, para. 492.1.
SIMOPAC® Module
BSM 181
BSM 181 R
V
DS
= 100 V
I
D
= 200 A
R
DS(on) = 8.5 mΩ
q
Power module
q
Single switch
q
N channel
q
Enhancement mode
q
Package with insulated metal base plate
q
Package outline/Circuit diagram: 1
1)


Similar Part No. - BSM181R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM181F SIEMENS-BSM181F Datasheet
226Kb / 7P
SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
More results

Similar Description - BSM181R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM101AR SIEMENS-BSM101AR Datasheet
199Kb / 7P
SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM111AR SIEMENS-BSM111AR Datasheet
216Kb / 9P
SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM121AR SIEMENS-BSM121AR Datasheet
207Kb / 7P
SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM151 SIEMENS-BSM151 Datasheet
161Kb / 6P
SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM151F SIEMENS-BSM151F Datasheet
226Kb / 7P
SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM181F SIEMENS-BSM181F Datasheet
226Kb / 7P
SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM191 SIEMENS-BSM191 Datasheet
223Kb / 7P
SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM191F SIEMENS-BSM191F Datasheet
205Kb / 7P
SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com